Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 4Page - STMicroelectronics STA320 Datasheet HTML 5Page - STMicroelectronics STA320 Datasheet HTML 6Page - STMicroelectronics STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics STA320 Datasheet HTML 10Page - STMicroelectronics STA320 Datasheet HTML 11Page - STMicroelectronics STA320 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
STA320
8/37
Table 9.
5.1.2 Interpolation Ratio Select
The STA320 has variable interpolation (oversampling) settings such that internal processing and DDX output
rates remain consistent. The first processing block interpolates by either 2 times or 1 time (pass-through). or
provides a 2 times downsample.
The IR bits determine the oversampling ratio of this interpolation.
IR bit settings as a function of Input Sample Rate
Table 10.
Example: IR = 00, MCS = 011 (Default value):
XTI = 256 x fs = 8.192MHz (fs=32KHz) or 11.2896MHz (fs=44.1KHz) or 12.288MHz (fs=48KHz)
5.1.3 Thermal Warning Recovery Bypass
If the Thermal Warning Adjustment is enabled (TWAB=0), then the Thermal Warning Recovery will deter-
mine if the -3dB adjustment is removed when Thermal Warning is negative. If TWRB=0 and TWAB=0,
then when a thermal warning disappears the -3dB adjustment will be removed and the gain will be added
back to the system.
If TWRB=1 and TWAB=0, then when a thermal warning disappears the -3dB adjustment will remain until
TWRB is changed to zero or the device is reset.
Input Sample Rate
fs (kHz)
IR
MCS(2..0)
000
001
010
011
100
101
32, 44.1, 48
00
768fs
512fs
384fs
256fs
128fs
576fs
88.2, 96
01
384fs
256fs
192fs
128fs
64fs
x
176.4, 192
1X
384fs
256fs
192fs
128fs
64fs
x
BIT
R/W
RST
NAME
DESCRIPTION
4..3
R/W
00
IR(1..0)
Interpolation Ratio Select: Selects internal interpolation ratio
based on input I2S sample frequency
Input Sample Rate
Fs (kHz)
IR(1,0)
1st Stage Interpolation Ratio
32
00
2 times oversampling
44.1
00
2 times oversampling
48
00
2 times oversampling
88.2
01
Pass-Through
96
01
Pass-Through
176.4
10
2 times oversampling
192
10
2 times oversampling
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
1
TWRB
Thermal-Warning Recovery Bypass:
0 - Thermal warning Recovery enabled
1 - Thermal warning Recovery disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com