Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 4 Page - STMicroelectronics

  STA320 Datasheet HTML 1Page - STMicroelectronics STA320 Datasheet HTML 2Page - STMicroelectronics STA320 Datasheet HTML 3Page - STMicroelectronics STA320 Datasheet HTML 4Page - STMicroelectronics STA320 Datasheet HTML 5Page - STMicroelectronics STA320 Datasheet HTML 6Page - STMicroelectronics STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
STA320
4/37
3
ELECTRICAL CHARACTERISTCS (VDD3 = 3.3V ± 0.3V; VDDA = 3.3V ± 0.3V; TAMB = 0 TO 70 °C;
UNLESS OTHERWISE SPECIFIED)
Table 6. GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Note 1: The leakage currents are generally very small, < 1na. The values given here are maximum after an electrostatic stress on the pin.
Note 2: Human Body Model
Table 7. DC ELECTRICAL CHARACTERISTICS: 3.3V BUFFERS
4I2C BUS SPECIFICATION
The STA320 supports the I2C protocol via the input ports SCL and SDA_IN (Master to Slave) and the output
port SDA_OUT (Slave to Master).
This protocol defines any device that sends data on to the bus as a transmitter and any device that reads the
data as a receiver.
The device that controls the data transfer is known as the master and the other as the slave. The master always
starts the transfer and provides the serial clock for synchronization. The STA320 is always a slave device in all
of its communications. It supported up to 400KB/sec rate (fast-mode bit rate).
4.1 COMMUNICATION PROTOCOL
4.1.1 Data Transition or change
Data changes on the SDA line must only occur when the SCL clock is low. SDA transition while the clock is
high is used to identify a START or STOP condition.
4.1.2 Start Condition
START is identified by a high to low transition of the data bus SDA signal while the clock signal SCL is stable
in the high state. A START condition must precede any command for data transfer.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Iil
Low Level Input no pull-up
Vi = 0V
1
µA1
Iih
High Level Input no pull-down
Vi = VDD3
2
µA1
IOZ
Tristate output leakage without
pullup/down
Vi = VDD3
2
µA1
Vesd
Electrostatic Protection
Leakage < 1
µA2000
V
2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VILhyst
Low Level Threshold
Input Falling
0.8
1.35
V
VIHhyst
High Level Threshold
Input Rising
1.3
2.0
V
Vhyst
Schmitt Trigger Hysteresis
0.3
0.8
V
Vol
Low Level Output
IoI = 100uA
0.2
V
Voh
High Level Output
Ioh = -100uA
Ioh = -2mA
VDD3-0.2
2.4
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com