Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 5 Page - STMicroelectronics

  STA320 Datasheet HTML 1Page - STMicroelectronics STA320 Datasheet HTML 2Page - STMicroelectronics STA320 Datasheet HTML 3Page - STMicroelectronics STA320 Datasheet HTML 4Page - STMicroelectronics STA320 Datasheet HTML 5Page - STMicroelectronics STA320 Datasheet HTML 6Page - STMicroelectronics STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5/37
STA320
4.1.3 Stop Condition
STOP is identified by low to high transition of the data bus SDA signal while the clock signal SCL is stable in the
high state.
A STOP condition terminates communication between STA320 and the bus master.
4.1.4 Data Input
During the data input the STA320 samples the SDA signal on the rising edge of clock SCL. For correct device
operation the SDA signal must be stable during the rising edge of the clock and the data can change only when
the SCL line is low.
4.2 DEVICE ADDRESSING
To start communication between the master and the STA320, the master must initiate with a start condition.
Following this, the master sends onto the SDA line 8-bits (MSB first) corresponding to the device select address
and read or write mode.
The 7 most significant bits are the device address identifiers, corresponding to the I2C bus definition. In the
STA320 the I2C interface has two device addresses depending on the SA port configuration, 0x34 when SA =
0, and 0x36 when SA = 1.
The 8th bit (LSB) identifies read or write operation RW, this bit is set to 1 in read mode and 0 for write mode and
0 for write mode. After a START condition the STA320 identifies on the bus the device address and if a match
is found, it acknowledges the identification on SDA bus during the 9th bit time. The byte following the device
identification byte is the internal space address.
4.3 WRITE OPERATION
Following the START condition the master sends a device select code with the RW bit set to 0.
The STA320 acknowledges this and the writes for the byte of internal address.
After receiving the internal byte address the STA320 again responds with an acknowledgement.
4.3.1 Byte Write
In the byte write mode the master sends one data byte, this is acknowledged by the STa320. The master then
terminates the transfer by generating a STOP condition.
4.3.2 Multi-byte Write
The multi-byte write modes can start from any internal address. The master generating a STOP condition ter-
minates the transfer.
Figure 3. Write Mode Sequence
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATA IN
ACK
STOP
BYTE
WRITE
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATA IN
ACK
STOP
MULTIBYTE
WRITE
DATA IN
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com