Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics STA320 Datasheet HTML 10Page - STMicroelectronics STA320 Datasheet HTML 11Page - STMicroelectronics STA320 Datasheet HTML 12Page - STMicroelectronics STA320 Datasheet HTML 13Page - STMicroelectronics STA320 Datasheet HTML 14Page - STMicroelectronics STA320 Datasheet HTML 15Page - STMicroelectronics STA320 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
STA320
12/37
5.3.3 Over-Current Warning Detect Adjustment Bypass
The OCDETECT input is used to indicate an Over-Current Warning condition. When OCDETECT is as-
serted (set to 0), the power control block will force a -3dB adjustment to the modulation limit in an attempt
to eliminate the over-current warning condition.
Once the over-current warning volume adjustment is applied, it remains in this state until reset is applied.
5.4 Configuration Register D(Address 03h)
5.4.1 High-Pass Filter Bypass
The STA320 features an internal digital high-pass filter for the purpose of AC coupling. The purpose of
this filter is to prevent DC signals from passing through a DDX amplifier.
DC signals can cause speaker damage. When HPB=0, this filter is enabled
5.4.2 De-Emphasis
Setting the DEMP bit enables de-emphasis on all channels
5.4.3 DSP Bypass
Setting the DSPB bit bypasses the EQ functionality of the STA320.
5.4.4 Post-Scale Link
Post-Scale functionality can be used for power-supply error correction.
For multi-channel applications running off the same power-supply, the post-scale values can be linked to
the value of channel 1 for ease of use and update the values faster.
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
1
OCRB
Over-Current-Warning Adjustment Bypass:
0 - Over-Current warning Adjustment enabled
1 - Over-Current warning Adjustment disabled
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
010000
00
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
HPB
High-Pass Filter Bypass Bit. Setting of one bypasses internal
AC coupling digital high-pass filter
BIT
R/W
RST
NAME
DESCRIPTION
1
R/W
0
DEMP
DE-emphasis
0 - No De-emphasis
1 - De-emphasis
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
0
DSPB
DSP bypass Bit:
0 - Normal Operation
1 - Bypass of Biquad and Bass/Treble Functionality
BIT
R/W
RST
NAME
DESCRIPTION
3
R/W
0
PSL
Post-Scale Link:
0 - Each Channel uses individual Post-Scale value
1 - Each Channel uses Channel 1 Post-Scale value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com