Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 40Page - STMicroelectronics L99LD20 Datasheet HTML 41Page - STMicroelectronics L99LD20 Datasheet HTML 42Page - STMicroelectronics L99LD20 Datasheet HTML 43Page - STMicroelectronics L99LD20 Datasheet HTML 44Page - STMicroelectronics L99LD20 Datasheet HTML 45Page - STMicroelectronics L99LD20 Datasheet HTML 46Page - STMicroelectronics L99LD20 Datasheet HTML 47Page - STMicroelectronics L99LD20 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Electrical specifications
L99LD20
44/61
DS11366 Rev 3
5.4
Electrical characteristics
5.5 V < VS < 24 V, -40 °C < Tj < 150 °C, unless otherwise specified.
The device is still operative and functional at higher temperatures (up to 175 °C).
Note:
Parameters limits at higher temperatures than 150°C may change respect to what is
specified as per the standard temperature range.
Device functionality at high temperature is guaranteed by characterization.
5.4.1
Supply
Table 33. Supply
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSPI
Digital I/O supply voltage
3.0
5.5
V
VSPI,UV
VSPI under voltage
2.0
2.5
3.0
V
ISPI,STBY
VSPI standby current
Device in standby mode
VSPI = 5.0 V
12
µA
ISPI,Q
VSPI quiescent current
Device operating
VSPI = 5.0 V
3mA
VS
Operating VS supply voltage
5.5
24
V
VS,UV, L
VS under voltage shutdown
low limit
VSPI = 5 V; Ramp on VS from
5.5 V to 4.4 V
4.5
5
V
VS,UV,H
VS under voltage shutdown
high limit
VSPI = 5 V; Ramp on VS from
4.4 V to 5.85 V
5.3
5.6
V
VS,UV,HYST
VS under voltage hysteresis
0.5
V
IS
VS operating current
VS = 13.5 V;
Buck1 and Buck2 ON;
VBUCKIN1 = VBUCKIN2 = 25 V
IOUT1 = IOUT2 = 250 mA
30
mA
IS,Q
VS quiescent current
VSPI = 5 V, VS = 13.5 V; Bucks
disabled
716
mA
IS,STBY
VS standby current
Device in standby mode;
VS = 13.5 V
610
µA
VPOR,H
Power-on reset high state
Ramp on V3V3 from 3.3 V to 2 V
2.7
2.8
2.9
V
VPOR,L
Power-on reset low state
Ramp on V3V3 from 2 V to 3.3 V
2.65
2.75
2.85
V
VPOR,HYST
Power-on reset hysteresis
0.05
V
V3V3
Output voltage of 3V3 LDO
VS = 13 V, Cout = 220 nF
3.1
3.3
3.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com