Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 24Page - STMicroelectronics L99LD20 Datasheet HTML 25Page - STMicroelectronics L99LD20 Datasheet HTML 26Page - STMicroelectronics L99LD20 Datasheet HTML 27Page - STMicroelectronics L99LD20 Datasheet HTML 28Page - STMicroelectronics L99LD20 Datasheet HTML 29Page - STMicroelectronics L99LD20 Datasheet HTML 30Page - STMicroelectronics L99LD20 Datasheet HTML 31Page - STMicroelectronics L99LD20 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
SPI functional description
L99LD20
28/61
DS11366 Rev 3
CR#3: Control Register 3
Address:
0x03h
Type:
R/W
20
EN
Active mode Enable Bit:
0: Device stays in Limp Home (if GOSTBY = 0). This status is assumed
immediately after a wake up (CSN low or DIN High for a time >
tWAKE_UP)
1: Device Enabled for Active mode operation (if GOSTBY = 0).
EN can be set to 1 only if UNLOCK = 1; in other words, trying to set this
bit to 1 when UNLOCK = 0 will have no effects and it will maintain its
previous value.
EN can be reset to 0 also when UNLOCK = 0.
To set Active mode it is necessary to send two consecutive SPI frames
as follows:
1st SPI write operation to set UNLOCK bit to 1 (CR#1, bit1)
2nd SPI write operation to set GOSTBY bit to 0 and EN bit to 1
10
Reserved
This bit must be set to 1
0
Parity bit
ODD parity bit check
Table 14. CR#2: Control Register 2 (continued)
Bit
Default
Name
Description
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
PH1
PH2
Reserved
B_IN_W1
B_IN_W2
Table 15. CR#3: Control Register 3
Bit
Default
Name
Description
23÷20
0000
PH1
4 bit phase selection for Buck1:
Phase shift = PH1 * 360 / 16
19÷16
0000
PH2
4 bit phase selection for Buck2:
Phase shift = PH1 * 360 / 16
15÷14
11
DIN_MAP1
Buck1 DIN map (see Table 18)
13÷12
00
DIN_MAP2
Buck2 DIN map (see Table 18)
11÷7
11011
Reserved
6
0
PWM_SYNC
PWMSYNC:
0: PWM Counter not reset;
1: PWM Counter Reset (note that this bit is automatically reset after
counter reset)
5÷4
00
B_IN_W1
Buck Input Voltage Window for Buck1 (see Table 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com