Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 6Page - STMicroelectronics L99LD20 Datasheet HTML 7Page - STMicroelectronics L99LD20 Datasheet HTML 8Page - STMicroelectronics L99LD20 Datasheet HTML 9Page - STMicroelectronics L99LD20 Datasheet HTML 10Page - STMicroelectronics L99LD20 Datasheet HTML 11Page - STMicroelectronics L99LD20 Datasheet HTML 12Page - STMicroelectronics L99LD20 Datasheet HTML 13Page - STMicroelectronics L99LD20 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Introduction
L99LD20
10/61
DS11366 Rev 3
18
BUCKIN2
Connection to the input of the buck channel 2
20
CBOOT2
Connection to the bootstrap capacitor (100nF) of the buck channel 2.
22, 38
PGND
Power Ground connection.
23
VLED2
Connection to the anode of the LED string for read back of the forward
voltage of the channel 2.
24
VLED1
Connection to the anode of the LED string for read back of the forward
voltage of the channel 1.
25
LX1F
Connection to the switching source node of the buck1. This pin must be
connected to external free-wheeling diode.
26
LX1S
Kelvin connection to the switching source node of the buck1. This pin
has to be connected to external bootstrap capacitance.
28
BUCKIN1
Connection to the input of the buck channel 1.
30
CBOOT1
Connection to the bootstrap capacitor (100 nF) of the buck channel 1.
31
VS
Input supply pin of the IC. Connect VS to the battery voltage.
35
TEST1
Internal function. To be tied to GND.
37
SGND2
Signal ground connection.
40
TEST2
Internal function. To be tied to GND.
11, 12, 13,
14, 15, 19,
21, 27, 29,
32, 33, 34,
36, 39
NC
Not connected
Table 1. Pin functionality (continued)
Pin #
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com