Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 33Page - STMicroelectronics L99LD20 Datasheet HTML 34Page - STMicroelectronics L99LD20 Datasheet HTML 35Page - STMicroelectronics L99LD20 Datasheet HTML 36Page - STMicroelectronics L99LD20 Datasheet HTML 37Page - STMicroelectronics L99LD20 Datasheet HTML 38Page - STMicroelectronics L99LD20 Datasheet HTML 39Page - STMicroelectronics L99LD20 Datasheet HTML 40Page - STMicroelectronics L99LD20 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
DS11366 Rev 3
37/61
L99LD20
SPI functional description
60
4.4.4
Customer test and trimming procedure description
General description
The writing procedure is performed connecting the two terminals of the anti-fuse capacitor
at 15 V and ground respectively. This is achieved by providing 15V on VS battery pin.
After this phase, the capacitor is burnt and behaves like a resistance; its value (the residual
resistance) strictly depends on the effectiveness of the burning procedure. During physical
reading operation, the residual resistance is compared with a fixed threshold. If the residual
resistance is greater than threshold a bit 0 is given, and the OTP cell is considered
unwritten, otherwise a bit 1 is given and the OTP cell is considered written.
Blank check reading is executed to verify that all anti-fuses are unwritten after fabrication,
while margin mode, usually performed immediately after the burning process, is used to
verify if burned cells are properly written. Executing a blank-check reading after all writing
operations have been completed allows verifying that unwritten cells haven’t been degraded
by burning processes.
Recommended test flow
In Figure 8 and in Table 26 the recommended testing procedure is shown and described.
Testing procedure starts with a blank check read, to verify that all anti-fuse rows are
unwritten. After this operation, it is possible to select the bits to be written and to start
programming. Writing operation should be performed up to 3 times. At the end of
programming, a reading procedure should be performed in Margin Mode.
At the end of the test, it is strongly recommended executing a blank-check read in order to
verify that unwritten cells haven’t been degraded.
Table 25 summarizes the writing test conditions.
Note:
An external capacitance must be applied between VS and GROUND pins.
Table 25. Writing test conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VS
15 V supply
15
V
IHV
HV current during
programming
28
mA
—
Temperature
-40
27
150
°C
—
External capacitance
2
5
10
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com