Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 17Page - STMicroelectronics L99LD20 Datasheet HTML 18Page - STMicroelectronics L99LD20 Datasheet HTML 19Page - STMicroelectronics L99LD20 Datasheet HTML 20Page - STMicroelectronics L99LD20 Datasheet HTML 21Page - STMicroelectronics L99LD20 Datasheet HTML 22Page - STMicroelectronics L99LD20 Datasheet HTML 23Page - STMicroelectronics L99LD20 Datasheet HTML 24Page - STMicroelectronics L99LD20 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
DS11366 Rev 3
21/61
L99LD20
Functional description
60
In fail safe mode (Limp Home), once a short circuit is validated, the corresponding buck
converter is latched off until automatically cleared by an auto-restart procedure, with a
period equal to tAUTORESTART.
The failure counter is not incremented during the startup phase. The failure counter is reset
if Nton_min_fail_reset consecutive pulses are detected with TON longer than TON_MIN_BUCK.
3.3.6
Buck TON maximum operation
Buck maximum on time operation is detected when switching on time is equal to
tON_MAX_BUCK for two consecutive cycles.
Once maximum Ton operation is validated, flag TON_MAX_OPx is set and the
corresponding Buckx converter is temporarily switched off for a Ttonmax_off.
Then, Buckx is enabled to switch on again while TON_MAX_OPx bit will be latched until a
R&C command clears corresponding status bit (SR#2<20> or SR#2<19>).
In fail safe mode (Limp Home), once a maximum TON violation is validated, the
corresponding buck converter is latched off until automatically cleared by an auto-restart
procedure, with a period equal to tAUTORESTART.
3.3.7
Buck Open Load detection
If one of the LED strings is disconnected, the converter will charge the output capacitor of
the buck converter by regulating the peak current of the switch, until VLED is equal to the
buck input voltage. From this point, since the output capacitor is charged at the maximum
possible value, it cannot absorb any current despite the activation of the switch, and the
target ILx_PEAK cannot be reached.
Upon these conditions, Buckx starts switching at maximum Ton: maximum Ton operation
detection (described in Section 3.3.6) guarantees Open Load failure protection as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com