Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 27Page - STMicroelectronics L99LD20 Datasheet HTML 28Page - STMicroelectronics L99LD20 Datasheet HTML 29Page - STMicroelectronics L99LD20 Datasheet HTML 30Page - STMicroelectronics L99LD20 Datasheet HTML 31Page - STMicroelectronics L99LD20 Datasheet HTML 32Page - STMicroelectronics L99LD20 Datasheet HTML 33Page - STMicroelectronics L99LD20 Datasheet HTML 34Page - STMicroelectronics L99LD20 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
DS11366 Rev 3
31/61
L99LD20
SPI functional description
60
4.4.2
Status Register description
SR#1: Status Register 1
Address:
0x05h
Type:
R, R/C
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
VLED1,ON
VLED2,ON
R/C
R
R/C
Table 20. SR#1: Status Register 1
Bit
Default
Name
Description
Access
23÷16
00000000
VLED1,ON
ADC conversion related to VLED1 (ranging from 0 V to 52.5 V),
sampled during on time of Buck1.
Note that in case of Buck1 controlled by DIN pin or by SPI, the
ADC is continuously refreshed during on-state, while, if
controlled by internal PWM dimming generator, ADC refresh
occurs only once per period just before the end of each PWM
on-cycle.
R/C
15÷8
00000000
VLED2,ON
ADC conversion related to VLED2 (ranging from 0 V to 52.5V),
sampled during on time of Buck2.
Note that in case of Buck2 controlled by DIN pin or by SPI, the
ADC is continuously refreshed during on-state, while, if
controlled by internal PWM dimming generator, ADC refresh
occurs only once per period just before the end of each PWM
on-cycle.
R/C
70
SHT1
VLED1 short circuit detection.
This bit is set when TON_MIN_OP1 is set too but only if, at the
same instant, average VLED1 voltage is lower than 1.5V.
When SHT1 = 1, Buck1 is disabled until a read and clear
command of this bit has been acknowledged.
In LHM, an auto restart procedure cyclically clears this bit with
a period equal to tAUTORESTART
R/C
60
SHT2
VLED2 short circuit detection.
This bit is set when TON_MIN_OP2 is set too but only if, at the
same instant, average VLED2 voltage is lower than 1.5V.
When SHT2 = 1, Buck2 is disabled until a read and clear
command of this bit has been acknowledged.
R/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com