Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 35Page - STMicroelectronics L99LD20 Datasheet HTML 36Page - STMicroelectronics L99LD20 Datasheet HTML 37Page - STMicroelectronics L99LD20 Datasheet HTML 38Page - STMicroelectronics L99LD20 Datasheet HTML 39Page - STMicroelectronics L99LD20 Datasheet HTML 40Page - STMicroelectronics L99LD20 Datasheet HTML 41Page - STMicroelectronics L99LD20 Datasheet HTML 42Page - STMicroelectronics L99LD20 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
DS11366 Rev 3
39/61
L99LD20
SPI functional description
60
Table 26. Testing procedure description
Step
Description
Action
SPI Frames (binary, unless
otherwise specified)
Blank Check
(load)
In this step, antifuses are compared
with a higher resistance than the
standard one - to be sure they are
initially unburned. Their content is
loaded into bits (20÷13) of CTM
register.
Send an SPI write to
CTM
00 111110 011
000000000000000000000
Blank Check
(read)
During previous step, the result of
Blank Check Read is loaded into bits
(20÷13) of CTM register. A read
operation is required this result.
Send an SPI read for
customer trimming
register and analyze
the SDO frame
received from device
01 111110 000
000000000000000000001
Blank Check
(decision)
A decision must be taken, based on
the previous result. If antifuses were
damaged, device must be discarded,
otherwise the flow can proceed.
If the answer to
previous SPI read is
different from
xx0000xx, then
device must be
discarded
-
Select bits to
write
Desired setting for default values of
some control bits must be chosen.
Let's assume that the chosen 8 bit
word is: ctm, corresponding to the 8
bits of CTM from 20 to 13
(DEF_HLEDCUR + DEF_DAC1 +
DEF_VLEDTOFF1 + DEF_MS +
DEF_BSTDIS).
Select 8 bit word to
write (ctmd)
-
Burn (X3)
In this step, selected word (i.e. ctmd)
must be written in the OTPs. This step
must be repeated three times.
It it recommended to wait the
completion of a burn operation before
starting the following one. Time
required to burn one word depends on
the number of fuses to be burned and
it is equal to: 2.85 µs + 401 µs *
<number of selected bits>
Prepare the right
external setup (see
Table 27, "Writing test
conditions").
Send an SPI write to
CTM. Selected word
must be placed in bits
(20÷13) of CTM.
Last bit depends on
odd parity check.
00 111110 100
[ctmd]000000000000x
End Of
Trimming
(X3)
In this step, end of trimming antifuse is
burned. This step must be repeated
three times.
It it recommended to wait the
completion of a burn operation before
starting the following one. Time
required to burn one bit is almost equal
to: 404µs
Send an SPI write to
CTM
00 111110 111
000000000000000000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com