Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 37Page - STMicroelectronics L99LD20 Datasheet HTML 38Page - STMicroelectronics L99LD20 Datasheet HTML 39Page - STMicroelectronics L99LD20 Datasheet HTML 40Page - STMicroelectronics L99LD20 Datasheet HTML 41Page - STMicroelectronics L99LD20 Datasheet HTML 42Page - STMicroelectronics L99LD20 Datasheet HTML 43Page - STMicroelectronics L99LD20 Datasheet HTML 44Page - STMicroelectronics L99LD20 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
DS11366 Rev 3
41/61
L99LD20
SPI functional description
60
Table 27. Default peak current selection for Buck Cell 1
DEF_DAC1
DAC1 (default value)
IL1_Peak [A]
(HLEDCUR1 = 1)
IL1_Peak [A]
(HLEDCUR1 = 0)
00
100000
0.809
0.402
01
000000
0.362
0.179
10
110001
1.235
0.632
11
111111
1.695
0.849
Table 28. Default VLEDxTOFF Selection for Buck Cell 1
DEF_VLEDTOFF1
VLED_TOFF1
00
1111 (72 V*µs)
01
1011 (40 V*µs)
10
0101 (20 V*µs)
11
0000 (10 V*µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com