Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 21Page - STMicroelectronics L99LD20 Datasheet HTML 22Page - STMicroelectronics L99LD20 Datasheet HTML 23Page - STMicroelectronics L99LD20 Datasheet HTML 24Page - STMicroelectronics L99LD20 Datasheet HTML 25Page - STMicroelectronics L99LD20 Datasheet HTML 26Page - STMicroelectronics L99LD20 Datasheet HTML 27Page - STMicroelectronics L99LD20 Datasheet HTML 28Page - STMicroelectronics L99LD20 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
DS11366 Rev 3
25/61
L99LD20
SPI functional description
60
3Eh
Customer Trimming
Register
R/W
(W only when
EOT bit = 0)
CT: Customer Trimming Register
3Fh
Advanced Operation Code
Clear
A R&C operation to this address causes
all status registers to be cleared
Table 12. ROM memory map
Address
Name
Access Content
Comments
00h
Company Code
R
00h
STMicroelectronics
01h
Device family
R
02h
LED product family
02h
Device number 1
R
55h
‘U’ in ASCII
03h
Device number 2
R
41h
‘A’ in ASCII
04h
Device number 3
R
52h
‘R’ in ASCII
05h
Device number 4
R
07h
‘7’ in hex
0Ah
Silicon version
R
04h
Fifth version
10h
SPI Mode
R
31h
Bit7 = 0, burst read is disabled
SPI data length = 32 bits
Bit6, DL2 = 0
Bit5, DL1 = 1
Bit4, DL0 = 1
Bit3, SPI8 = 0: 8 bit frame option not available
Bit2 =0
Parity check is used
Bit1, S1=0
Bit0, S0=1
11h
WD Type 1
R
4Ah
A WD is implemented
Bit7, WD1 =0
Bit6, WD0 =1
WD period 50 ms = 10 * 5 ms -> WT[5:0] = 0xA
Bit5, WT5 = 0
Bit4, WT4 = 0
Bit3, WT3 = 1
Bit2, WT2 = 0
Bit1, WT1 = 1
Bit0, WT0 = 0
13h
WD bit pos. 1
R
44h
Bit7, WB1 = 0
Bit6, WB2 = 1
WBA[5-0], Bit[5-0] = address of the configuration
register, where the WD bit is located = 04d =
000100b
Table 11. RAM memory map (continued)
Address
Name
Access
Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com