Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 20Page - STMicroelectronics L99LD20 Datasheet HTML 21Page - STMicroelectronics L99LD20 Datasheet HTML 22Page - STMicroelectronics L99LD20 Datasheet HTML 23Page - STMicroelectronics L99LD20 Datasheet HTML 24Page - STMicroelectronics L99LD20 Datasheet HTML 25Page - STMicroelectronics L99LD20 Datasheet HTML 26Page - STMicroelectronics L99LD20 Datasheet HTML 27Page - STMicroelectronics L99LD20 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
SPI functional description
L99LD20
24/61
DS11366 Rev 3
4.3
Address mapping
Table 10. Global Status Byte description
Bit
Name
Description
31
GSBN
Global Status Bit Not
This bit is a NOR combination of the remaining bits of this register:
RSTB nor SPIE nor FE2 nor FE1 nor DE nor GW nor FS
30
RSTB
Reset Bit
The RSTB indicates a device reset. In case this bit is set, all internal Control
Registers are set to default and kept in that state until the bit is automatically
cleared by any valid SPI communication.
29
SPIE
SPI Error
The SPIE is a logical OR combination of errors related to a wrong SPI
communication (SDI stuck, wrong number of clock, parity check error)
28
FE2
Functional Error 2 (logic OR combination of errors which does not cause parts
of the device to be disabled)
TOFF1_MAX or TOFF2_MAX or TOFF1_MIN or TOFF2_MIN or
TON_MAX_OP1 or TON_MAX_OP2
27
FE1
Functional Error 1 (logic OR combination of critical errors which cause parts of
the device to be disabled)
VS_UV or OL1 or OL2 or OVT1 or OVT2 or SHT1 or SHT2 ot TON_MIN_OP1
or TON_MIN_OP2.
26
DE
Device error
PWMCLK_FAIL.
25
GW
Global warning
TW11 or TW12 or TW21 or TW22
24
FS
Fail safe
If this bit is set, the device is in limp home mode
Table 11. RAM memory map
Address
Name
Access
Content
01h
Control Register 1
R/W
CR#1: 1st Control Register
02h
Control Register 2
R/W
CR#2: 2nd Control Register
03h
Control Register 3
R/W
CR#3: 3rd Control Register
04h
Control Register 4
R/W
CR#4: 4th Control Register
05h
Status Register 1
R/C
SR#1: 1st Status Register
06h
Status Register 2
R/C
SR#2: 2nd Status Register
07h
Status Register 3
R/C
SR#3: 3rd Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com