Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 41Page - STMicroelectronics L99LD20 Datasheet HTML 42Page - STMicroelectronics L99LD20 Datasheet HTML 43Page - STMicroelectronics L99LD20 Datasheet HTML 44Page - STMicroelectronics L99LD20 Datasheet HTML 45Page - STMicroelectronics L99LD20 Datasheet HTML 46Page - STMicroelectronics L99LD20 Datasheet HTML 47Page - STMicroelectronics L99LD20 Datasheet HTML 48Page - STMicroelectronics L99LD20 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
DS11366 Rev 3
45/61
L99LD20
Electrical specifications
60
5.4.2
Buck
Table 34. Buck converter power stage
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VBUCKIN1
VBUCKIN2
Buck input voltage range
VS
60
V
ILx_PEAK
Accuracy of the inductor
peak current
Low RDSon Mode;
Tj ≥ 25 °C
-4.5
4.5
%
Low RDSon Mode;
Tj < 25 °C
DAC code
≥ 26
-6
6
%
High RDSon Mode;
Tj ≥ 25 °C
DAC code
≥ 26
-4.5
4.5
%
High Rdson Mode;
Tj ≥ 25 °C
DAC code < 26
-6
6
%
High Rdson Mode;
Tj ˂ 25 °C
DAC code
≥ 26
VLED_SHT
Buck short circuit activation
threshold
Ramp on VLEDx from 52.5 V
to 0 V
1.2
1.7
2.2
V
RDSON
Buck MOSFET RDSON
High RDS_ON mode;
VBUCKINx = 45 V;
IOUT = 350 mA; Tj = 25 °C
800
m
Ω
Low RDS_ON mode;
VBUCKINx = 45 V;
IOUT = 700 mA; Tj = 25 °C
400
m
Ω
RDSON
Buck MOSFET RDSON
High RDS_ON mode;
VBUCKINx = 45 V;
IOUT = 350 mA; Tj = 150 °C
1300
m
Ω
Low RDS_ON mode;
VBUCKINx = 40 V;
IOUT = 700 mA; Tj = 150 °C
650
m
Ω
(dVLX/dt)ON
LX Turn on voltage slope
2.4
V/ns
(dVLX/dt)OFF
LX Turn off voltage slope
2.4
V/ns
tBlank_Buck
Buck Blanking Time
200
ns
tSTARTUP
Buck startup phase
duration
400
µs
N_ton_min_fail
Number of failure counter
cycle
32
N_ton_min_fail_reset
Reset of number of failure
counter cycle
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com