Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 38Page - STMicroelectronics L99LD20 Datasheet HTML 39Page - STMicroelectronics L99LD20 Datasheet HTML 40Page - STMicroelectronics L99LD20 Datasheet HTML 41Page - STMicroelectronics L99LD20 Datasheet HTML 42Page - STMicroelectronics L99LD20 Datasheet HTML 43Page - STMicroelectronics L99LD20 Datasheet HTML 44Page - STMicroelectronics L99LD20 Datasheet HTML 45Page - STMicroelectronics L99LD20 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Electrical specifications
L99LD20
42/61
DS11366 Rev 3
5
Electrical specifications
5.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 29 may cause permanent damage
to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
5.2
ESD protection
Table 29. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Battery supply voltage
-0.3 to 40
V
VSPI
Supply voltage of the SPI interface
-0.3 to 6.5
V
V3V3
3.3V Voltage Regulator Capacitor Output
-0.3 to 4.6
V
VCSN, VSDI, VSCK
SPI pins voltage
-0.3 to 6.5
V
VSDO
SPI pin voltage
-0.3 to VSPI + 0.3
V
VCBOOT1, VCBOOT2
Buck-related high voltage pins
-0.3 to 65
V
VCBOOT1-VLX1,
VCBOOT2-VLX2
Buck MOSFET overdrive
-0.3 to 4.6
V
VBUCKIN1, VBUCKIN2,
VLED1, VLED2
Buck input and output pins voltage
-0.3 to 62
V
VLX1, VLX2
Buck switching node pins voltage
-1.0 to 62
V
IVLEDx
VLEDx pins maximum injected current
0.1
mA
VDIN
Direct input pin voltage
-0.3 to 6.5
V
VPWMCLK
Clock input pin (for internal PWM dimming
generator)
-0.3 to 6.5
V
Tj
Junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 30. ESD protection
Parameter
Value
Unit
All pins(1)
1.
HBM (human body model, 100 pF, 1.5 k
Ω) according to MIL 883C, Method 3015.7 or EIA/JESD22A114-A.
±2
kV
All output pins(2)
2.
HBM with all none zapped pins grounded, output pins are VS, DIN, VLED1, VLED2.
±4
kV
All pins (Charge Device Model)
±500
V
Corner pins (Charge Device Model)
±750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com