Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 15Page - STMicroelectronics L99LD20 Datasheet HTML 16Page - STMicroelectronics L99LD20 Datasheet HTML 17Page - STMicroelectronics L99LD20 Datasheet HTML 18Page - STMicroelectronics L99LD20 Datasheet HTML 19Page - STMicroelectronics L99LD20 Datasheet HTML 20Page - STMicroelectronics L99LD20 Datasheet HTML 21Page - STMicroelectronics L99LD20 Datasheet HTML 22Page - STMicroelectronics L99LD20 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
DS11366 Rev 3
19/61
L99LD20
Functional description
60
registers are configured accordingly, one (or both) buck converter(s) are activated and
directly controlled by DIN pin.
The default configuration is set in order to allow direct driving only for buck1, whilst buck2 is
turned off. In case of limp home function, the default conditions are applied.
PWM control through DIN has to take into account the DIN filter time (tDIN_FT, 32 µs typical)
on rising edge to properly set the desired duty cycle.
Dimming with integrated PWM generator
This function allows modifying the average current on the LEDs by means of a dedicated
control register (see bits <23:14> and bits <13:4> on Table 13: CR#1: Control Register 1).
This function must be activated setting the right mapping bits configuration inside the control
register 3, and in particular, CR#3<15:14> for Buck1 and CR#3<13:12> for Buck2.
To set duty cycle, a 10-bit number must be written in the corresponding register, resulting in
a 1024 steps of resolution. The duty cycle is determined through the following equation:
Where N is the 10-bit number.
The PWM frequency is depending on the PWM_CLK input signal with the following
equation:
Where PWM_LF is the LEDs dimming frequency.
If PWM signal fails, an error bit is reported in the STATUS register where PWMCLK fail is
located. An internal fallback oscillator is enabled in order to provide a fixed PWM frequency
clock signal (FFALLBACK_CLK), whilst no changes is applied on the duty cycle.
Once the external PWM is available again and after a read & clear operation on Status
Register 2, the internal clock is disabled and PWM operation continues with the external
clock (see Figure 12).
3.3
Protections
3.3.1
Temperature warning
The device integrates a temperature warning with two thresholds TW1 and TW2 in each
buck’s mosfet. If the Tj of the buck mosfet1 or buck mosfet2 rises above TW1 or TW2, the
status bit TWxy is set (x = 1 or x = 2, it stands for the buck1 or buck2, y = 1 or y = 2, it
stands for the TW1 or TW2) . TWXY bit is set on the status registers: SR#1<4:3> for Buck1
and SR#2<22:21> for Buck2. Thermal warning is also reported in the Global Status Byte
register, and in particular, bit 25 (GW) is set.
If the Tj drops below the temperature warning reset threshold 1 (TW1-TW1_HYS),
respectively TW2 – TW2_HYS, the corresponding status bit is automatically reset.
As long as the Tj does not exceed the over temperature shutdown, the device does not
latches off the buck mosfets, even if a temperature warning is detected.
DC
%
N
1024
------------- 100
⋅
=
PWM_LF
PWM_CLK
1024
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com