Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 29Page - STMicroelectronics L99LD20 Datasheet HTML 30Page - STMicroelectronics L99LD20 Datasheet HTML 31Page - STMicroelectronics L99LD20 Datasheet HTML 32Page - STMicroelectronics L99LD20 Datasheet HTML 33Page - STMicroelectronics L99LD20 Datasheet HTML 34Page - STMicroelectronics L99LD20 Datasheet HTML 35Page - STMicroelectronics L99LD20 Datasheet HTML 36Page - STMicroelectronics L99LD20 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
DS11366 Rev 3
33/61
L99LD20
SPI functional description
60
SR#2: Status Register 2
Address:
0x06h
Type:
R, R/C
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
Reserved
Unused
R/C
R
R/C
R
R/C
R
—
R
Table 21. SR#2: Status Register 2
Bit
Default
Name
Description
Access
23
0
OVT2
Overtemperature for Buck2 (set when Tj ≥ TTSD for more than
tOVT );
if this bit is set Buck2 is latched OFF; reset is performed by a
R&C command, which will be successful only if
Tj < TTSD - TTSD_HYS. Then Buck2 is allowed to turn on again.
R/C
22
0
TW22
Thermal warning 2 for Buck2.
This bit is set if Tj ≥ TW2.
This is a read only and real time bit.
When Buck2 temperature decreases under a second threshold
(Tj < TW2 - TW2_HYS), this bit is cleared.
R
21
0
TW21
Thermal warning 1 for Buck2.
This bit is set if Tj ≥ TW1.
This is a read only and real time bit.
When Buck2 temperature decreases under a second threshold
(TW1 - TW1_HYS), this bit is cleared.
R
20
0
TON_MAX_OP1
Operation at maximum on-time for Buck1.
This bit is set when Buck1 runs at an on-time equal to
tON_MAX_BUCK for two consecutive cycles.
Every time this event occurs, Buck1 is temporarily switched off
for a tTON_MAX_OFF time, then is enabled to switch on again.
Instead, TON_MAX_OP1 bit will be latched until a R&C.
In LHM, an auto restart procedure cyclically clears this bit with
a period equal to tAUTORESTART.
R/C
19
0
TON_MAX_OP2
Operation at maximum on-time for Buck2.
This bit is set when Buck2 runs at an on-time equal to
tON_MAX_BUCK for two consecutive cycles.
Every time this event occurs, Buck2 is temporarily switched off
for a tTON_MAX_OFF time, then is enabled to switch on again.
Instead, TON_MAX_OP2 bit will be latched until a R&C.
R/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com