Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 30Page - STMicroelectronics L99LD20 Datasheet HTML 31Page - STMicroelectronics L99LD20 Datasheet HTML 32Page - STMicroelectronics L99LD20 Datasheet HTML 33Page - STMicroelectronics L99LD20 Datasheet HTML 34Page - STMicroelectronics L99LD20 Datasheet HTML 35Page - STMicroelectronics L99LD20 Datasheet HTML 36Page - STMicroelectronics L99LD20 Datasheet HTML 37Page - STMicroelectronics L99LD20 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
SPI functional description
L99LD20
34/61
DS11366 Rev 3
18
0
PWMCLK_FAIL
When this bit is set, a PWM Clock Fail is detected.
This occurs FPWMCLK ≤ FPWMCLK_FAIL. In this case PWMCLK
signal is bypassed by an internal fall back PWM frequency
clock (having a frequency equal to FFALLBACK_CLK).
PWMCLK normal operation will be restored after a R&C
operation, when PWMCLK frequency
FPWMCLK > FPWMCLK_FAIL.
R/C
17
0
VSPI_FAIL
VSPI failure bit
0: VSPI (external SPI Supply) present
1: VSPI not present (VSPI voltage lower than VSPI_UV): device
goes to Limp Home Mode
R
16÷15
00
WD_STATUS
Watchdog status bit: see Table 23
R
14
0
WD_FAIL
Watchdog failure bit:
0: watchdog OK;
1: watchdog failure in Active mode
When this bit is set, the device goes in Limp Home Mode
R/C
13
0
VS_UV
VS undervoltage bit
0: VS > VS_UV;
1: VS
≤ V
S_UV
R
12
0
TOFF_MIN1
Minimum off-time operation for Buck1
0: Off-time
≥ tOFF_MIN_BUCK
1: Off-time < tOFF_MIN_BUCK
R
11
0
TOFF_MIN2
Minimum off-time operation for Buck2
0: Off-time
≥ tOFF_MIN_BUCK
1: Off-time < tOFF_MIN_BUCK
R
10
0
TOFF_MAX1
Maximum off-time operation for Buck1:
0: Off-time < tOFF_MAX_BUCK
1: Off-time
≥ tOFF_MAX_BUCK
R
9
0
TOFF_MAX2
Maximum off-time operation for Buck2:
0: Off-time < tOFF_MAX_BUCK
1: Off-time
≥ tOFF_MAX_BUCK
R
8÷6
000
Reserved
5
0
DIN_ST
Direct input status bit.
Filtered replica of logical level at DIN pin.
Filtering time is equal to tDIN_ST.
R
4÷1
0000
Unused
0
Parity Bit
ODD Parity Bit Check
Table 21. SR#2: Status Register 2 (continued)
Bit
Default
Name
Description
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com