Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 16Page - STMicroelectronics L99LD20 Datasheet HTML 17Page - STMicroelectronics L99LD20 Datasheet HTML 18Page - STMicroelectronics L99LD20 Datasheet HTML 19Page - STMicroelectronics L99LD20 Datasheet HTML 20Page - STMicroelectronics L99LD20 Datasheet HTML 21Page - STMicroelectronics L99LD20 Datasheet HTML 22Page - STMicroelectronics L99LD20 Datasheet HTML 23Page - STMicroelectronics L99LD20 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Functional description
L99LD20
20/61
DS11366 Rev 3
3.3.2
Overtemperature shutdown
If the junction temperature of one of the buck mosfets rises above the shutdown
temperature TTSD, an overtemperature event (OVT) is detected. The channel is switched off
and the corresponding bit (OVT1 or OVT2) is set in the status register SR#1<5> for Buck1
and SR#2<23> for Buck2.
Overtemperature events are also reported in the Global Status Byte register and in
particular bit 27 FE1 is set.
In normal mode the corresponding buck converter is latched off, until the following
conditions are fulfilled:
1.
TJX drops below the thermal shutdown reset threshold TTSD-TTSD_HYS.
2.
Subsequently the microcontroller sends a read and clear command, in order to reset
OVT1 or OVT2 bit located in the Status register SR#1<5> or SR#2<23>.
In fail safe mode (Limp Home), the device applies an auto restart of the fault buck converter
with a period equal to tAUTORESTART, provided that the TJX falls below TSD reset threshold
(TTSD-TTSD_HYS).
3.3.3
VS under voltage lockout
If the VS supply falls below VS_UV (VS under voltage threshold), the buck converters will be
deactivated, regardless of the SPI control registers or DIN.
This feature is implemented, in order to avoid any operation outside the allowed VS
operating range.
3.3.4
Buck TON minimum operation
Buck minimum on time operation is detected when the corresponding failure counter counts
N_Ton_min_fail switching cycles (also nonconsecutive), during which ILx_PEAK is reached
between TBLANK_BUCK and TON_MIN_BUCK. In normal mode (Active mode), once minimum
TON operation is validated, flag TON_MIN_OPx is set and the corresponding Buckx converter
is latched off, until the microcontroller sends a frame and clears the corresponding status bit
(SR#1<2> and SR#1<1>).
In fail safe mode (Limp Home), once a minimum TON violation is validated, the
corresponding buck converter is latched off until automatically cleared by an auto-restart
procedure, with a period equal to tAUTORESTART.
The failure counter is not incremented during the startup phase (TSTARTUP). The failure
counter is reset if Nton_min_fail_reset consecutive pulses are detected with TON longer
than TON_MIN_BUCK.
3.3.5
Buck output’s short circuit to GND
A shorted buck output to GND is detected when LED string voltage (VLED) is lower than a
specified threshold (VLED_SHT) and the corresponding failure counter counts Nton_min_fail
switching cycles (also nonconsecutive), during which ILx_PEAK is reached between
TBLANK_BUCK and TON_MIN_BUCK. In normal mode (Active mode), once a short circuit is
validated, flag SHTx is set and the corresponding Buckx converter is latched off, until the
microcontroller sends a frame and clears the corresponding status bit (SR#1<7> and
SR#1<6>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com