Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 10Page - STMicroelectronics L99LD20 Datasheet HTML 11Page - STMicroelectronics L99LD20 Datasheet HTML 12Page - STMicroelectronics L99LD20 Datasheet HTML 13Page - STMicroelectronics L99LD20 Datasheet HTML 14Page - STMicroelectronics L99LD20 Datasheet HTML 15Page - STMicroelectronics L99LD20 Datasheet HTML 16Page - STMicroelectronics L99LD20 Datasheet HTML 17Page - STMicroelectronics L99LD20 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Buck converters
L99LD20
14/61
DS11366 Rev 3
2.5
Buck converter’s start-up
While the device and the system are protected against short circuit conditions of the buck’s
output to GND, the device inhibits the detection of the short circuit during the startup phase
TSTARTUP.
A startup phase is applied in the following conditions:
•
If one of the buck converters is activated for the first time after a power on reset (POR),
including buck activation after device wake-up;
•
If one of the buck converters has been deactivated for more than tDELAY;
•
If one of the buck converters has been latched off prior to a Read and Clear command;
•
If one of the buck converters is re-activated after a VS under voltage event.
After these events, it is possible that the output capacitors of the buck converters are
completely discharged. The charging of the buck output capacitors might lead switching
cycles with short on-time (shorter than TON_MIN), which could potentially lead to a wrong
detection of a shorted buck output. The introduction of this start-up phase avoids this wrong
diagnostic.
2.6
Switching frequency
For a given buck converter, the switching frequency depends on the buck input voltage and
the forward voltage of the LED string, which is connected to its output.
In continuous conduction mode, TOFF is given by:
Where D is the buck converter’s duty cycle, T and FSW are respectively the switching period
and frequency.
Neglecting the drop voltage across the mosfet, the inductor’s DC resistance and the diode’s
forward voltage, compared to VBUCKIN and VLED, we have:
For a given application (given inductance and VLED), it is possible to set ILEDx_AVG by
selecting different combinations of ILx_PEAK and VLEDxTOFF in order to avoid critical
frequency ranges such as the AM radio band.
To avoid buck operation at not allowed TON and/or TOFF times, frequency range has to be
kept inside FSWmin and FSWmax, where:
FSWmin = 1/(TON_MAX_BUCK + TOFF_MAX_BUCK)
FSWmax = 1/(TON_MIN_BUCK + TOFF_MIN_BUCK)
T
OFF
1D
–
() T
⋅
1D
–
F
SW
-------------
==
D
V
LED
V
BUCKIN
-------------------------
=
F
SW
1
V
LED
V
BU CKIN
-------------------------
–
T
OFF
-----------------------------------
V
LED
1
V
LED
V
BUCKIN
-------------------------
–



⋅
V
LED TOFF
⋅
------------------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com