Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 13Page - STMicroelectronics L99LD20 Datasheet HTML 14Page - STMicroelectronics L99LD20 Datasheet HTML 15Page - STMicroelectronics L99LD20 Datasheet HTML 16Page - STMicroelectronics L99LD20 Datasheet HTML 17Page - STMicroelectronics L99LD20 Datasheet HTML 18Page - STMicroelectronics L99LD20 Datasheet HTML 19Page - STMicroelectronics L99LD20 Datasheet HTML 20Page - STMicroelectronics L99LD20 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
DS11366 Rev 3
17/61
L99LD20
Functional description
60
If the microcontroller sends to the device the following SPI frames sequence:
•
The first SPI frame sets UNLOCK bit = 1
(see bit <1> on Table 13: CR#1: Control Register 1)
•
The second consecutive SPI frame sets GOSTBY bit = 1 and EN bit = 0
(see bit <3> and bit <2> on Table 14: CR#2: Control Register 2)
The device enters Standby mode.
If the microcontroller sends to the device the sequence of the following SPI frames:
•
The first SPI frame sets UNLOCK bit = 1;
(see bit <1> on Table 13: CR#1: Control Register 1)
•
The second consecutive SPI frame sets GOSTBY bit = 0 and EN bit = 1.
(see bit <3> and bit <2> on Table 14: CR#2: Control Register 2)
The device enters Active mode.
In Limp Home, after setting bit 27 on GSB (FE1, functional error bit), an auto restart procedure
is implemented: every tAUTORESTART, functional error bit eventually set is automatically cleared.
3.1.5
Active mode
The device enters the Active mode if the microcontroller sends the following SPI frames
sequence:
•
In a first SPI frame set the UNLOCK bit to 1
(see bit <1> on Table 13: CR#1: Control Register 1)
•
In a second frame, set EN bit to 1 and GOSTBY bit to “0”
(see bit <2> and bit <3> on Table 14: CR#2: Control Register 2)
Table 2. Operating modes
Operating
mode
Entering conditions
Leaving condition
Characteristics
Standby
mode
– By default, once powered on (VS present);
– SPI active and micro sending following
consecutive frames:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
DIN = High for tWAKEUP
and/or
CSN = Low for tWAKEUP
– V3V3 < VPOR;
–VS and VSPI low
consumption;
– SPI inactive
Pre-standby
mode
– Under the following conditions:
Two following consecutive SPI frames setting:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
CSN High and DIN Low
for a time t > tSTDBY
– V3V3 > VPOR
– Bucks disabled
– SPI active
Reset mode
– By default, when device leaves Standby mode
– Under following condition, when device is in
Active mode:
VSPI Under voltage
WD failure;
One SPI frame setting (EN,GOSTBY) = (0,0)
Two consecutive SPI frames setting:
UNLOCK = 1
(EN,GOSTBY) = (1,1)
Automatic transition after
400 ns
– All registers reset to
default values
– V3V3>VPOR
– SPI inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com