Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 7Page - STMicroelectronics L99LD20 Datasheet HTML 8Page - STMicroelectronics L99LD20 Datasheet HTML 9Page - STMicroelectronics L99LD20 Datasheet HTML 10Page - STMicroelectronics L99LD20 Datasheet HTML 11Page - STMicroelectronics L99LD20 Datasheet HTML 12Page - STMicroelectronics L99LD20 Datasheet HTML 13Page - STMicroelectronics L99LD20 Datasheet HTML 14Page - STMicroelectronics L99LD20 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
DS11366 Rev 3
11/61
L99LD20
Buck converters
60
2
Buck converters
2.1
General description
The L99LD20 features two independent buck converters with integrated switching mosfets
with forward peak current as high as specified maximum ILx_PEAK (where x indicates Buckx
peak current) 1.695 A. They are optimized to deliver a constant current to LED strings.
The RDS_ON of the n-channel mosfets can be set programming the appropriate bit in the
control register (see bits <3:2> on Table 13: CR#1: Control Register 1): high RDS_ON mode
(only one half power stage enabled) or low RDS_ON mode (both half power stages enabled).
This feature allows having two different inductor peak current ranges, 0.179 A ÷ 0.849 A or
0.362 A ÷ 1.695 A, respectively for high RDS_ON and low RDS_ON mode, so achieving the
highest of current sense accuracy in the whole current range.
The buck converters are based on constant off-time architecture, which regulates the peak
current in each inductor. The monitoring of the inductor peak current is done through
integrated senseFETs. This results in a lossless high side current sensing, which does not
require any external shunt resistor, and improves the system efficiency.
This architecture provides an inherent cycle-by cycle current limitation and a fast transient
response, without any compensation of the control loop.
The average LED current in each LED string is configurable by the SPI, through
configuration of the inductor peak current and peak-to-peak current.
The dimming of the LED strings can be realized through the direct input pin (DIN) or through
the internal 10-bit PWM dimming generator.
2.2
Bootstrap circuit
The L99LD20 has built-in high side n-channel switching mosfets, which are driven by gate
drivers. Each gate driver uses a bootstrap circuit, consisting of an integrated diode and an
external capacitor between the LX1S and CBOOT1 pins, respectively between the LX2S
and CBOOT2 pins.
The buck converters impose a minimum off-time (TOFF_MIN) to ensure that the bootstrap
capacitor recharges every cycle to a voltage which avoids the switching mosfet to operate in
linear mode. TOFF_MIN restricts the maximum duty cycle of the buck converters for a given
switching frequency. This effect is more pronounced at high switching frequencies and limits
the maximum ratio between the buck input voltage (VBUCKIN) and the LED strings’ forward
voltage. One way to overcome this limitation is reducing switching frequency, by selecting
high constant VLED xTOFF and/or increase the inductance value.
2.3
Peak and average current setting
In buck converters, the inductor is directly connected to the load during the complete
switching cycle (see Figure 5: Peak current control principle). The average inductor current
is equal to the average LED string current. Operating in continuous conduction mode (i.e.
the inductor current never decays to zero during the off-phase), if the inductor current is
tightly controlled, the LED current will be regulated as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com