Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 48Page - STMicroelectronics L99LD20 Datasheet HTML 49Page - STMicroelectronics L99LD20 Datasheet HTML 50Page - STMicroelectronics L99LD20 Datasheet HTML 51Page - STMicroelectronics L99LD20 Datasheet HTML 52Page - STMicroelectronics L99LD20 Datasheet HTML 53Page - STMicroelectronics L99LD20 Datasheet HTML 54Page - STMicroelectronics L99LD20 Datasheet HTML 55Page - STMicroelectronics L99LD20 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Electrical specifications
L99LD20
52/61
DS11366 Rev 3
5.4.4
Direct input
TFsdo
SDO fall time
Cout = 50 pF;
Iout = 1 mA
50
100
ns
Tcsn_low_t
CSN low timeout
20
35
50
ms
Table 38. SPI timings (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 39. Direct Input pin limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDIN_L
DIN Low threshold
—
0.3 * V3V3
V
VDIN_H
DIN High threshold
0.7 * V3V3
—
V3V3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com