Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 14Page - STMicroelectronics L99LD20 Datasheet HTML 15Page - STMicroelectronics L99LD20 Datasheet HTML 16Page - STMicroelectronics L99LD20 Datasheet HTML 17Page - STMicroelectronics L99LD20 Datasheet HTML 18Page - STMicroelectronics L99LD20 Datasheet HTML 19Page - STMicroelectronics L99LD20 Datasheet HTML 20Page - STMicroelectronics L99LD20 Datasheet HTML 21Page - STMicroelectronics L99LD20 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
Functional description
L99LD20
18/61
DS11366 Rev 3
3.2
Programmable functions
3.2.1
Activation of the buck output
In Active mode, the activation of the Buck converters is performed according to the
configuration of control register CR#3<15:14> for Buck1 and CR#3<13:12> for Buck2, as
showed in the following table. See Table 15: CR#3: Control Register 3.
3.2.2
PWM dimming
The device allows modifying the brightness of the LEDs string simply managing the average
current.
The PWM dimming could be achieved in two different ways:
•
Through direct input, DIN
•
With integrated PWM generator
Dimming with direct input
The signal applies to buck1, buck2 or both, depending on DIN mapping bit configuration
(see bits <15:14> and bits <13:12> on Table 15: CR#3: Control Register 3). If the control
Limp Home 400 ns after Reset mode
– SPI sequence to enter
Active mode:
UNLOCK = 1
(EN,GOSTBY) = (1,0)
– SPI sequence to enter
Standby mode:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
– DIN access enabled:
Buck1 is according to
DIN;
Buck2 is OFF
– SPI active
Active
mode
SPI sequence:
– UNLOCK = 1
– EN = 1 and GOSTBY = 0
–VSPI undervoltage
–WD failure
– SPI sequence to enter
Standby mode:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
– Buck converters are
active
– SPI is active
Table 2. Operating modes (continued)
Operating
mode
Entering conditions
Leaving condition
Characteristics
Table 3. DIN pin Map for Buck1 and Buck2
CR#3<15> or CR#3<13>
CR#3<14> or CR#3<12>
Buck1 and Buck2 status
0
0
Buckx always OFF (default for Buck2)
01
Buckx attached to internal PWM
generator
1
0
Buckx always ON
11
Buckx controlled by DIN Input (default
for Buck1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com