Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 31Page - STMicroelectronics L99LD20 Datasheet HTML 32Page - STMicroelectronics L99LD20 Datasheet HTML 33Page - STMicroelectronics L99LD20 Datasheet HTML 34Page - STMicroelectronics L99LD20 Datasheet HTML 35Page - STMicroelectronics L99LD20 Datasheet HTML 36Page - STMicroelectronics L99LD20 Datasheet HTML 37Page - STMicroelectronics L99LD20 Datasheet HTML 38Page - STMicroelectronics L99LD20 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
DS11366 Rev 3
35/61
L99LD20
SPI functional description
60
SR#3: Status Register 3
Address:
0x07h
Type:
R/C
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
VLED1,OFF
VLED2,OFF
Unused
R/C
Table 22. SR#3: Status Register 3
Bit
Default
Name
Description
Access
23÷16
00000000
VLED1,OFF
ADC conversion related to VLED1 (rangin g from 0 V to
52.5 V), sampled during off-time of Buck1.
Note that in case of Buck1 controlled by DIN pin or by SPI, the
ADC is continuously refreshed during off-state, while, if
controlled by internal PWM dimming generator, ADC refresh
occurs only once per period just before the end of each PWM
off-cycle.
R/C
15÷8
00000000
VLED2,OFF
ADC conversion related to VLED2 (ranging from 0 V to 52.5 V),
sampled during off-time of Buck2.
Note that in case of Buck1 controlled by DIN pin or by SPI, the
ADC is continuously refreshed during off-state, while, if
controlled by internal PWM dimming generator, ADC refresh
occurs only once per period just before the end of each PWM
off-cycle.
R/C
7÷1
0000000
Unused
0
Parity Bit
ODD Parity Bit Check
Table 23. Watchdog status
WD_STATUS
WD timer status
00
[0…24%]
01
[24% … 50%]
10
[50% … 74%]
11
[74% … 100%]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com