Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD20 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 25Page - STMicroelectronics L99LD20 Datasheet HTML 26Page - STMicroelectronics L99LD20 Datasheet HTML 27Page - STMicroelectronics L99LD20 Datasheet HTML 28Page - STMicroelectronics L99LD20 Datasheet HTML 29Page - STMicroelectronics L99LD20 Datasheet HTML 30Page - STMicroelectronics L99LD20 Datasheet HTML 31Page - STMicroelectronics L99LD20 Datasheet HTML 32Page - STMicroelectronics L99LD20 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
DS11366 Rev 3
29/61
L99LD20
SPI functional description
60
CR#4: Control Register 4
Address:
0x04h
Type:
R/W
3÷2
00
B_IN_W2
Buck Input Voltage Window for Buck2 (see Table 19)
1
1
Reserved
This bit must be set to 1
0
Parity bit
ODD parity bit check
Table 15. CR#3: Control Register 3 (continued)
Bit
Default
Name
Description
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
Reserved
Unused
Table 16. CR#4: Control Register 4
Bit
Default
Name
Description
23
0
WD_TRIG
In order to keep device in Active mode, this bit must be cyclically
toggled within a period equal to tWD to refresh the watchdog.
22÷21
00
Reserved
Note: when writing on this register, bit 21 and 22 must be set to 00
20÷1
Unused
0
Parity bit
ODD parity bit check
Table 17. Constant VLED x TOFF selection
VLED_TOFF
Constant VLED x TOFF [V x µs]
0000
10
0001
12
0010
14
0011
16
0100
18
0101
20
0110
22
0111
24
1000
28
1001
32
1010
36
1011
40
1100
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com