Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 3 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 3 Page - Cree LED

  XP-G3 Datasheet HTML 1Page - Cree LED XP-G3 Datasheet HTML 2Page - Cree LED XP-G3 Datasheet HTML 3Page - Cree LED XP-G3 Datasheet HTML 4Page - Cree LED XP-G3 Datasheet HTML 5Page - Cree LED XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
3
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point ‑ white
°C/W
3
Thermal resistance, junction to solder point ‑ royal blue
°C/W
2
Thermal resistance, junction to solder point ‑ photo red (Standard)
°C/W
2.5
Thermal resistance, junction to solder point ‑ photo red (S Line)
°C/W
1
Viewing angle (FWHM) ‑ white
degrees
125
Viewing angle (FWHM) ‑ royal blue
degrees
130
Viewing angle (FWHM) ‑ photo red
degrees
125
Temperature coefficient of voltage
mV/°C
‑1.6
ESD withstand voltage (HBM per Mil‑Std‑883D)
Class 3A
DC forward current ‑ white, royal blue
mA
2000
DC forward current - photo red
mA
1500
Reverse voltage
V
1
Forward voltage (@ 350 mA, 85 °C) ‑ white
V
2.70
2.90
Forward voltage (@ 350 mA, 25 °C) ‑ royal blue
V
2.79
3.0
Forward voltage (@ 350 mA, 25 °C) ‑ photo red (Standard)
V
1.99
2.2
Forward voltage (@ 350 mA, 25 °C) ‑ photo red (S Line)
V
1.95
2.2
Forward voltage (@ 700 mA, 85 °C) ‑ white
V
2.80
Forward voltage (@ 700 mA, 25 °C) ‑ royal blue
V
2.90
Forward voltage (@ 700 mA, 25 °C) ‑ photo red (Standard)
V
2.18
Forward voltage (@ 700 mA, 25 °C) ‑ photo red (S Line)
V
2.13
Forward voltage (@ 1000 mA, 85 °C) ‑ white
V
2.87
Forward voltage (@ 1000 mA, 25 °C) ‑ royal blue
V
2.99
Forward voltage (@ 1000 mA, 25 °C) ‑ photo red (Standard)
V
2.36
Forward voltage (@ 1000 mA, 25 °C) ‑ photo red (S Line)
V
2.26
Forward voltage (@ 1500 mA, 85 °C) ‑ white
V
2.97
Forward voltage (@ 1500 mA, 25 °C) ‑ royal blue
V
3.11
Forward voltage (@ 1500 mA, 25 °C) ‑ photo red (Standard)
V
2.65
Forward voltage (@ 1500 mA, 25 °C) ‑ photo red (S Line)
V
2.46
Forward voltage (@ 2000 mA, 85 °C) ‑ white
V
3.06
Forward voltage (@ 2000 mA, 25 °C) ‑ royal blue
V
3.20
LED junction temperature
°C
150
Forward voltage values for white, S Line, royal blue
from supporting files/New Vf values.msg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com