Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 42 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 42 Page - Cree LED

Back Button XP-G3 Datasheet HTML 38Page - Cree LED XP-G3 Datasheet HTML 39Page - Cree LED XP-G3 Datasheet HTML 40Page - Cree LED XP-G3 Datasheet HTML 41Page - Cree LED XP-G3 Datasheet HTML 42Page - Cree LED XP-G3 Datasheet HTML 43Page - Cree LED XP-G3 Datasheet HTML 44Page - Cree LED XP-G3 Datasheet HTML 45Page - Cree LED XP-G3 Datasheet HTML 46Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
42
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 4 -
page 9 for order codes of XLamp XP‑G3 White (Standard) LEDs that could serve as alternatives for the order codes set forth below.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
DT
7000 K
S2
148
161
XPGDWT-B1-0000-00JDT
XPGDWT-H1-0000-00JDT
R5
139
152
XPGDWT-H1-0000-00HDT
CB
6500 K
S2
148
161
XPGDWT-H1-0000-00JCB
R5
139
152
XPGDWT-H1-0000-00HCB
E0
>6500 K
S3
156
170
XPGDWT-01-0000-00KE0
S2
148
161
XPGDWT-01-0000-00JE0
XPGDWT-B1-0000-00JE0
XPGDWT-H1-0000-00JE0
R5
139
152
XPGDWT-H1-0000-00HE0
E1
6500 K
S3
156
170
XPGDWT-01-0000-00KE1
S2
148
161
XPGDWT-01-0000-00JE1
XPGDWT-B1-0000-00JE1
XPGDWT-H1-0000-00JE1
R5
139
152
XPGDWT-H1-0000-00HE1
DV
6000 K
S3
156
170
XPGDWT-01-0000-00KDV
S2
148
161
XPGDWT-01-0000-00JDV
XPGDWT-B1-0000-00JDV
XPGDWT-H1-0000-00JDV
R5
139
152
XPGDWT-H1-0000-00HDV
R4
130
142
R3
122
133
XPGDWT-U1-0000-00FDV
R2
114
124
XPGDWT-U1-0000-00EDV
50
6000 K
S3
156
170
XPGDWT-01-0000-00K50
S2
148
161
XPGDWT-01-0000-00J50
XPGDWT-B1-0000-00J50
XPGDWT-H1-0000-00J50
R5
139
152
XPGDWT-H1-0000-00H50
R4
130
142
R3
122
133
XPGDWT-U1-0000-00F50
R2
114
124
XPGDWT-U1-0000-00E50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com