Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 43 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 43 Page - Cree LED

Back Button XP-G3 Datasheet HTML 39Page - Cree LED XP-G3 Datasheet HTML 40Page - Cree LED XP-G3 Datasheet HTML 41Page - Cree LED XP-G3 Datasheet HTML 42Page - Cree LED XP-G3 Datasheet HTML 43Page - Cree LED XP-G3 Datasheet HTML 44Page - Cree LED XP-G3 Datasheet HTML 45Page - Cree LED XP-G3 Datasheet HTML 46Page - Cree LED XP-G3 Datasheet HTML 47Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
43
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
E2
5700 K
S3
156
170
XPGDWT-01-0000-00KE2
S2
148
161
XPGDWT-01-0000-00JE2
XPGDWT-B1-0000-00JE2
XPGDWT-H1-0000-00JE2
R5
139
152
XPGDWT-H1-0000-00HE2
R4
130
142
R3
122
133
XPGDWT-U1-0000-00FE2
R2
114
124
XPGDWT-U1-0000-00EE2
2E
5700 K
S2
148
161
XPGDWT-B1-0000-00J2E
XPGDWT-H1-0000-00J2E
R5
139
152
XPGDWT-H1-0000-00H2E
R4
130
142
R3
122
133
XPGDWT-U1-0000-00F2E
R2
114
124
XPGDWT-U1-0000-00E2E
3E
5000 K
S2
148
161
XPGDWT-B1-0000-00J3E
XPGDWT-H1-0000-00J3E
R5
139
152
XPGDWT-H1-0000-00H3E
R4
130
142
R3
122
133
XPGDWT-U1-0000-00F3E
R2
114
124
XPGDWT-U1-0000-00E3E
E3
5000 K
S3
156
170
XPGDWT-01-0000-00KE3
XPGDWT-B1-0000-00KE3
S2
148
161
XPGDWT-01-0000-00JE3
XPGDWT-B1-0000-00JE3
XPGDWT-H1-0000-00JE3
R5
139
152
XPGDWT-H1-0000-00HE3
R4
130
142
R3
122
133
XPGDWT-U1-0000-00FE3
R2
114
124
XPGDWT-U1-0000-00EE3
F4
4750K
S3
156
170
XPGDWT-01-0000-00KF4
XPGDWT-B1-0000-00KF4
S2
148
161
XPGDWT-01-0000-00JF4
XPGDWT-B1-0000-00JF4
R5
139
152
XPGDWT-B1-0000-00HF4
XPGDWT-H1-0000-00HF4
R4
130
142
XPGDWT-H1-0000-00GF4
R3
122
133
XPGDWT-U1-0000-00FF4
R2
114
124
XPGDWT-U1-0000-00EF4
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com