Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 44 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 44 Page - Cree LED

Back Button XP-G3 Datasheet HTML 40Page - Cree LED XP-G3 Datasheet HTML 41Page - Cree LED XP-G3 Datasheet HTML 42Page - Cree LED XP-G3 Datasheet HTML 43Page - Cree LED XP-G3 Datasheet HTML 44Page - Cree LED XP-G3 Datasheet HTML 45Page - Cree LED XP-G3 Datasheet HTML 46Page - Cree LED XP-G3 Datasheet HTML 47Page - Cree LED XP-G3 Datasheet HTML 48Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
44
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
4E
4500K
S3
156
170
XPGDWT-B1-0000-00K4E
S2
148
161
XPGDWT-B1-0000-00J4E
R5
139
152
XPGDWT-H1-0000-00H4E
R4
130
142
XPGDWT-H1-0000-00G4E
R3
122
133
XPGDWT-U1-0000-00F4E
R2
114
124
XPGDWT-U1-0000-00E4E
Q5
107
117
XPGDWT-U1-0000-00D4E
E4
4500 K
S3
156
170
XPGDWT-01-0000-00KE4
XPGDWT-B1-0000-00KE4
S2
148
161
XPGDWT-01-0000-00JE4
XPGDWT-B1-0000-00JE4
R5
139
152
XPGDWT-B1-0000-00HE4
XPGDWT-H1-0000-00HE4
R4
130
142
XPGDWT-H1-0000-00GE4
R3
122
133
XPGDWT-U1-0000-00FE4
R2
114
124
XPGDWT-U1-0000-00EE4
Q5
107
117
XPGDWT-U1-0000-00DE4
F5
4200 K
S3
156
170
XPGDWT-01-0000-00KF5
S2
148
161
XPGDWT-01-0000-00JF5
XPGDWT-B1-0000-00JF5
R5
139
152
XPGDWT-B1-0000-00HF5
XPGDWT-H1-0000-00HF5
R4
130
142
XPGDWT-H1-0000-00GF5
R3
122
133
XPGDWT-U1-0000-00FF5
R2
114
124
XPGDWT-U1-0000-00EF5
Q5
107
117
XPGDWT-U1-0000-00DF5
5E
4000 K
S2
148
161
XPGDWT-B1-0000-00J5E
R5
139
152
XPGDWT-H1-0000-00H5E
R4
130
142
XPGDWT-H1-0000-00G5E
R3
122
133
XPGDWT-U1-0000-00F5E
R2
114
124
XPGDWT-U1-0000-00E5E
Q5
107
117
XPGDWT-U1-0000-00D5E
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com