Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 6 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 6 Page - Cree LED

Back Button XP-G3 Datasheet HTML 2Page - Cree LED XP-G3 Datasheet HTML 3Page - Cree LED XP-G3 Datasheet HTML 4Page - Cree LED XP-G3 Datasheet HTML 5Page - Cree LED XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED XP-G3 Datasheet HTML 10Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
6
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
F4
4750K
S6
180
196
XPGDWT‑01‑0000‑00NF4
XPGDWT‑B1‑0000‑00NF4
S5
172
187
XPGDWT‑01‑0000‑00MF4
XPGDWT‑B1‑0000‑00MF4
S4
164
179
XPGDWT‑01‑0000‑00LF4
XPGDWT‑B1‑0000‑00LF4
XPGDWT‑H1‑0000‑00LF4
S3
156
170
XPGDWT‑H1‑0000‑00KF4
S2
148
161
XPGDWT‑H1‑0000‑00JF4
XPGDWT‑U1‑0000‑00JF4
R5
139
152
XPGDWT‑U1‑0000‑00HF4
R4
130
142
XPGDWT‑U1‑0000‑00GF4
4E
4500K
S6
180
196
XPGDWT‑B1‑0000‑00N4E
S5
172
187
XPGDWT‑B1‑0000‑00M4E
S4
164
179
XPGDWT‑B1‑0000‑00L4E
XPGDWT‑H1‑0000‑00L4E
S3
156
170
XPGDWT‑H1‑0000‑00K4E
S2
148
161
XPGDWT‑H1‑0000‑00J4E
XPGDWT‑U1‑0000‑00J4E
R5
139
152
XPGDWT‑U1‑0000‑00H4E
R4
130
142
XPGDWT‑U1‑0000‑00G4E
E4
4500 K
S6
180
196
XPGDWT‑01‑0000‑00NE4
XPGDWT‑B1‑0000‑00NE4
S5
172
187
XPGDWT‑01‑0000‑00ME4
XPGDWT‑B1‑0000‑00ME4
S4
164
179
XPGDWT‑01‑0000‑00LE4
XPGDWT‑B1‑0000‑00LE4
XPGDWT‑H1‑0000‑00LE4
S3
156
170
XPGDWT‑H1‑0000‑00KE4
S2
148
161
XPGDWT‑H1‑0000‑00JE4
XPGDWT‑U1‑0000‑00JE4
R5
139
152
XPGDWT‑U1‑0000‑00HE4
R4
130
142
XPGDWT‑U1‑0000‑00GE4
F5
4200 K
S6
180
196
XPGDWT‑B1‑0000‑00NF5
S5
172
187
XPGDWT‑01‑0000‑00MF5
XPGDWT‑B1‑0000‑00MF5
S4
164
179
XPGDWT‑01‑0000‑00LF5
XPGDWT‑B1‑0000‑00LF5
XPGDWT‑H1‑0000‑00LF5
S3
156
170
XPGDWT‑B1‑0000‑00KF5
XPGDWT‑H1‑0000‑00KF5
S2
148
161
XPGDWT‑H1‑0000‑00JF5
XPGDWT‑U1‑0000‑00JF5
R5
139
152
XPGDWT‑U1‑0000‑00HF5
R4
130
142
XPGDWT‑U1‑0000‑00GF5
ORDER CODES SUGGESTED FOR NEW DESIGNS - WHITE (STANDARD) - T
J = 85 °C (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com