Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 11 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 11 Page - Cree LED

Back Button XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED XP-G3 Datasheet HTML 10Page - Cree LED XP-G3 Datasheet HTML 11Page - Cree LED XP-G3 Datasheet HTML 12Page - Cree LED XP-G3 Datasheet HTML 13Page - Cree LED XP-G3 Datasheet HTML 14Page - Cree LED XP-G3 Datasheet HTML 15Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
11
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Minimum
4E
4500K
S6
180
196
XPGDWT‑BS‑0000‑00N4E
S5
172
187
XPGDWT‑BS‑0000‑00M4E
S4
164
179
XPGDWT‑BS‑0000‑00L4E
E4
4500 K
S6
180
196
XPGDWT‑BS‑0000‑00NE4
S5
172
187
XPGDWT‑BS‑0000‑00ME4
S4
164
179
XPGDWT‑BS‑0000‑00LE4
5E
4000 K
S7
188
205
XPGDWT‑BS‑0000‑00P5E
S6
180
196
XPGDWT‑BS‑0000‑00N5E
S5
172
187
XPGDWT‑BS‑0000‑00M5E
S4
164
179
XPGDWT‑BS‑0000‑00L5E
E5
4000 K
S7
188
205
XPGDWT‑BS‑0000‑00PE5
S6
180
196
XPGDWT‑BS‑0000‑00NE5
S5
172
187
XPGDWT‑BS‑0000‑00ME5
S4
164
179
XPGDWT‑BS‑0000‑00LE5
6E
3500 K
S5
172
187
XPGDWT‑BS‑0000‑00M6E
S4
164
179
XPGDWT‑BS‑0000‑00L6E
E6
3500 K
S5
172
187
XPGDWT‑BS‑0000‑00ME6
S4
164
179
XPGDWT‑BS‑0000‑00LE6
F7
3200K
S5
172
187
XPGDWT‑BS‑0000‑00MF7
S4
164
179
XPGDWT‑BS‑0000‑00LF7
7E
3000 K
S5
172
187
XPGDWT‑BS‑0000‑00M7E
S4
164
179
XPGDWT‑BS‑0000‑00L7E
E7
3000 K
S5
172
187
XPGDWT‑BS‑0000‑00ME7
S4
164
179
XPGDWT‑BS‑0000‑00LE7
ORDER CODES SUGGESTED FOR NEW DESIGNS - WHITE (S LINE) - T
J = 85 °C (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com