Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 46 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 46 Page - Cree LED

Back Button XP-G3 Datasheet HTML 40Page - Cree LED XP-G3 Datasheet HTML 41Page - Cree LED XP-G3 Datasheet HTML 42Page - Cree LED XP-G3 Datasheet HTML 43Page - Cree LED XP-G3 Datasheet HTML 44Page - Cree LED XP-G3 Datasheet HTML 45Page - Cree LED XP-G3 Datasheet HTML 46Page - Cree LED XP-G3 Datasheet HTML 47Page - Cree LED XP-G3 Datasheet HTML 48Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
46
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
E6
3500 K
S2
148
161
XPGDWT-01-0000-00JE6
XPGDWT-B1-0000-00JE6
R5
139
152
XPGDWT-01-0000-00HE6
XPGDWT-B1-0000-00HE6
R4
130
142
XPGDWT-H1-0000-00GE6
R3
122
133
R2
114
124
XPGDWT-U1-0000-00EE6
Q5
107
117
XPGDWT-U1-0000-00DE6
Q4
100
109
XPGDWT-U1-0000-00CE6
F7
3200K
R5
139
152
XPGDWT-01-0000-00HF7
XPGDWT-B1-0000-00HF7
R4
130
142
XPGDWT-H1-0000-00GF7
R3
122
133
R2
114
124
XPGDWT-U1-0000-00EF7
Q5
107
117
XPGDWT-U1-0000-00DF7
Q4
100
109
XPGDWT-U1-0000-00CF7
7E
3000 K
R5
139
152
XPGDWT-B1-0000-00H7E
R4
130
142
XPGDWT-H1-0000-00G7E
R3
122
133
R2
114
124
XPGDWT-U1-0000-00E7E
Q5
107
117
XPGDWT-U1-0000-00D7E
Q4
100
109
XPGDWT-U1-0000-00C7E
7G
3000 K
R2
114
124
XPGDWT-U1-0000-00E7G
Q5
107
117
XPGDWT-U1-0000-00D7G
Q4
100
109
XPGDWT-U1-0000-00C7G
E7
3000 K
R5
139
152
XPGDWT-01-0000-00HE7
XPGDWT-B1-0000-00HE7
R4
130
142
XPGDWT-H1-0000-00GE7
R3
122
133
R2
114
124
XPGDWT-U1-0000-00EE7
Q5
107
117
XPGDWT-U1-0000-00DE7
Q4
100
109
XPGDWT-U1-0000-00CE7
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com