Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 8 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 8 Page - Cree LED

Back Button XP-G3 Datasheet HTML 4Page - Cree LED XP-G3 Datasheet HTML 5Page - Cree LED XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED XP-G3 Datasheet HTML 10Page - Cree LED XP-G3 Datasheet HTML 11Page - Cree LED XP-G3 Datasheet HTML 12Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
8
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
E6
3500 K
S5
172
187
XPGDWT‑B1‑0000‑00ME6
S4
164
179
XPGDWT‑01‑0000‑00LE6
XPGDWT‑B1‑0000‑00LE6
S3
156
170
XPGDWT‑01‑0000‑00KE6
XPGDWT‑B1‑0000‑00KE6
XPGDWT‑H1‑0000‑00KE6
S2
148
161
XPGDWT‑H1‑0000‑00JE6
R5
139
152
XPGDWT‑H1‑0000‑00HE6
XPGDWT‑U1‑0000‑00HE6
R4
130
142
XPGDWT‑U1‑0000‑00GE6
F7
3200K
S5
172
187
XPGDWT‑B1‑0000‑00MF7
S4
164
179
XPGDWT‑01‑0000‑00LF7
XPGDWT‑B1‑0000‑00LF7
S3
156
170
XPGDWT‑01‑0000‑00KF7
XPGDWT‑B1‑0000‑00KF7
XPGDWT‑H1‑0000‑00KF7
S2
148
161
XPGDWT‑01‑0000‑00JF7
XPGDWT‑B1‑0000‑00JF7
XPGDWT‑H1‑0000‑00JF7
R5
139
152
XPGDWT‑H1‑0000‑00HF7
R4
130
142
XPGDWT‑U1‑0000‑00GF7
R3
122
133
XPGDWT‑U1‑0000‑00FF7
7E
3000 K
S5
172
187
XPGDWT‑B1‑0000‑00M7E
S4
164
179
XPGDWT‑B1‑0000‑00L7E
S3
156
170
XPGDWT‑B1‑0000‑00K7E
XPGDWT‑H1‑0000‑00K7E
S2
148
161
XPGDWT‑B1‑0000‑00J7E
XPGDWT‑H1‑0000‑00J7E
R5
139
152
XPGDWT‑H1‑0000‑00H7E
R4
130
142
XPGDWT‑U1‑0000‑00G7E
R3
122
133
XPGDWT‑U1‑0000‑00F7E
7G
3000 K
R4
130
142
XPGDWT‑U1‑0000‑00G7G
R3
122
133
XPGDWT‑U1‑0000‑00F7G
E7
3000 K
S5
172
187
XPGDWT‑B1‑0000‑00ME7
S4
164
179
XPGDWT‑01‑0000‑00LE7
XPGDWT‑B1‑0000‑00LE7
S3
156
170
XPGDWT‑01‑0000‑00KE7
XPGDWT‑B1‑0000‑00KE7
XPGDWT‑H1‑0000‑00KE7
S2
148
161
XPGDWT‑01‑0000‑00JE7
XPGDWT‑B1‑0000‑00JE7
XPGDWT‑H1‑0000‑00JE7
R5
139
152
XPGDWT‑H1‑0000‑00HE7
R4
130
142
XPGDWT‑U1‑0000‑00GE7
R3
122
133
XPGDWT‑U1‑0000‑00FE7
ORDER CODES SUGGESTED FOR NEW DESIGNS - WHITE (STANDARD) - T
J = 85 °C (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com