Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 39 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 39 Page - Cree LED

Back Button XP-G3 Datasheet HTML 35Page - Cree LED XP-G3 Datasheet HTML 36Page - Cree LED XP-G3 Datasheet HTML 37Page - Cree LED XP-G3 Datasheet HTML 38Page - Cree LED XP-G3 Datasheet HTML 39Page - Cree LED XP-G3 Datasheet HTML 40Page - Cree LED XP-G3 Datasheet HTML 41Page - Cree LED XP-G3 Datasheet HTML 42Page - Cree LED XP-G3 Datasheet HTML 43Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
39
MECHANICAL DIMENSIONS (T
A = 25 °C)
Thermal vias, if present, are not shown on these drawings.
All measurements are ±.13 mm unless otherwise indicated.
Notes:
•
Cree LED recommends using thermal pad kickouts to maximize component thermal performance.
•
Cree LED recommends using white solder mask material to minimize system optical loss.
*
This stencil has been tested and optimized for the avoidance of voiding when using ALPHA® LUMET® P30 Maxrel solder paste. For other solder
pastes, a “window pane” design for the thermal pad stencil may result in a lower voiding percentage. Contact your local Cree LED Field Applications
Engineer for consultation regarding your specific application.
Anode
Side View
Top View
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R 1.53
1.30
.50
2.30
.50
3.45
3.45
.58
3.30 REF.
3.30 REF.
3.50
.70
.30
1.50
.30
3.50
3.30
.50
.50
1.30
.50
3.30
.43
.29
.83
.18
.56
.18
.50
.50
.56
.56
.18
3.30
3.30
.09
.18
1
/
1
22.000
E
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED SOLDER PAD
(SOLDER RESIST PATTERN)
ALL DIMENSIONS ARE± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
RECOMMENDED COPPER LAYOUT
RECOMMENDED STENCIL OPENINGS
OPTICAL
REFERENCE
Bottom View
Recommended Solder Pad
(Solder Mask Pattern)
Recommended Stencil Openings*
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R 1.53
1.30
.50
2.30
.50
3.45
3.45
.58
3.30 REF.
3.30 REF.
3.50
.70
.30
1.50
.30
3.50
3.30
.50
.50
1.30
.50
3.30
.43
.29
.83
.18
.56
.18
.50
.50
.56
.56
.18
3.30
3.30
.09
.18
1
/
1
22.000
E
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED SOLDER PAD
(SOLDER RESIST PATTERN)
ALL DIMENSIONS ARE± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
RECOMMENDED COPPER LAYOUT
RECOMMENDED STENCIL OPENINGS
OPTICAL
REFERENCE
Recommended Copper Layout
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R 1.53
1.30
.50
2.30
.50
3.45
3.45
.58
3.30 REF.
3.30 REF.
3.50
.70
.30
1.50
.30
3.50
3.30
.50
.50
1.30
.50
3.30
.43
.29
.83
.18
.56
.18
.50
.50
.56
.56
.18
3.30
3.30
.09
.18
1
/
1
22.000
E
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED SOLDER PAD
(SOLDER RESIST PATTERN)
ALL DIMENSIONS ARE± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
RECOMMENDED COPPER LAYOUT
RECOMMENDED STENCIL OPENINGS
OPTICAL
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com