Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 30 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 30 Page - Cree LED

Back Button XP-G3 Datasheet HTML 26Page - Cree LED XP-G3 Datasheet HTML 27Page - Cree LED XP-G3 Datasheet HTML 28Page - Cree LED XP-G3 Datasheet HTML 29Page - Cree LED XP-G3 Datasheet HTML 30Page - Cree LED XP-G3 Datasheet HTML 31Page - Cree LED XP-G3 Datasheet HTML 32Page - Cree LED XP-G3 Datasheet HTML 33Page - Cree LED XP-G3 Datasheet HTML 34Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
30
Region
x
y
Region
x
y
Region
x
y
Region
x
y
AC1
0.5066
0.4158
AC2
0.5131
0.4252
AC3
0.5192
0.4250
AC4
0.5126
0.4156
0.5131
0.4252
0.5196
0.4346
0.5258
0.4343
0.5192
0.4250
0.5192
0.4250
0.5258
0.4343
0.5321
0.4341
0.5253
0.4248
0.5126
0.4156
0.5192
0.4250
0.5253
0.4248
0.5186
0.4154
AD1
0.4936
0.3970
AD2
0.5001
0.4064
AD3
0.5059
0.4062
AD4
0.4993
0.3969
0.5001
0.4064
0.5066
0.4158
0.5126
0.4156
0.5059
0.4062
0.5059
0.4062
0.5126
0.4156
0.5186
0.4154
0.5118
0.4061
0.4993
0.3969
0.5059
0.4062
0.5118
0.4061
0.5050
0.3967
XLamp XP‑G3 White LEDs are tested for chromaticity and placed into one of the regions defined by the following bounding coordinates.
EasyWhite Color Temperatures – 3-Step Ellipse
Bin Code
CCT
Center Point
Major Axis
Minor Axis
Rotation Angle
(°)
x
y
a
b
6G
3500 K
0.4073
0.3917
0.00927
0.00414
53.2
7G
3000 K
0.4338
0.4030
0.00834
0.00408
53.2
8G
2700 K
0.4577
0.4099
0.00834
0.00420
48.5
EasyWhite Color Temperatures – 5-Step Ellipse
Bin Code
CCT
Center Point
Major Axis
Minor Axis
Rotation Angle
(°)
x
y
a
b
2E
5700 K
0.3287
0.3417
0.01230
0.00600
72.0
3E
5000 K
0.3447
0.3553
0.01400
0.00520
65.0
4E
4500 K
0.3611
0.3658
0.01420
0.00550
61.5
5E
4000 K
0.3818
0.3797
0.01565
0.00670
53.7
6E
3500 K
0.4073
0.3917
0.01545
0.00690
54.0
7E
3000 K
0.4338
0.4030
0.01390
0.00680
53.2
8E
2700 K
0.4577
0.4099
0.01350
0.00700
48.5
PERFORMANCE GROUPS - CHROMATICITY (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com