Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 7 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 7 Page - Cree LED

Back Button XP-G3 Datasheet HTML 3Page - Cree LED XP-G3 Datasheet HTML 4Page - Cree LED XP-G3 Datasheet HTML 5Page - Cree LED XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED XP-G3 Datasheet HTML 10Page - Cree LED XP-G3 Datasheet HTML 11Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
7
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
5E
4000 K
S6
180
196
XPGDWT‑B1‑0000‑00N5E
S5
172
187
XPGDWT‑B1‑0000‑00M5E
S4
164
179
XPGDWT‑B1‑0000‑00L5E
XPGDWT‑H1‑0000‑00L5E
S3
156
170
XPGDWT‑B1‑0000‑00K5E
XPGDWT‑H1‑0000‑00K5E
S2
148
161
XPGDWT‑H1‑0000‑00J5E
XPGDWT‑U1‑0000‑00J5E
R5
139
152
XPGDWT‑U1‑0000‑00H5E
R4
130
142
XPGDWT‑U1‑0000‑00G5E
E5
4000 K
S6
180
196
XPGDWT‑B1‑0000‑00NE5
S5
172
187
XPGDWT‑01‑0000‑00ME5
XPGDWT‑B1‑0000‑00ME5
S4
164
179
XPGDWT‑01‑0000‑00LE5
XPGDWT‑B1‑0000‑00LE5
XPGDWT‑H1‑0000‑00LE5
S3
156
170
XPGDWT‑B1‑0000‑00KE5
XPGDWT‑H1‑0000‑00KE5
S2
148
161
XPGDWT‑H1‑0000‑00JE5
XPGDWT‑U1‑0000‑00JE5
R5
139
152
XPGDWT‑U1‑0000‑00HE5
R4
130
142
XPGDWT‑U1‑0000‑00GE5
F6
3700 K
S5
172
187
XPGDWT‑B1‑0000‑00MF6
S4
164
179
XPGDWT‑01‑0000‑00LF6
XPGDWT‑B1‑0000‑00LF6
S3
156
170
XPGDWT‑01‑0000‑00KF6
XPGDWT‑B1‑0000‑00KF6
XPGDWT‑H1‑0000‑00KF6
S2
148
161
XPGDWT‑H1‑0000‑00JF6
R5
139
152
XPGDWT‑H1‑0000‑00HF6
XPGDWT‑U1‑0000‑00HF6
R4
130
142
XPGDWT‑U1‑0000‑00GF6
6E
3500 K
S5
172
187
XPGDWT‑B1‑0000‑00M6E
S4
164
179
XPGDWT‑B1‑0000‑00L6E
S3
156
170
XPGDWT‑B1‑0000‑00K6E
XPGDWT‑H1‑0000‑00K6E
S2
148
161
XPGDWT‑H1‑0000‑00J6E
R5
139
152
XPGDWT‑H1‑0000‑00H6E
XPGDWT‑U1‑0000‑00H6E
R4
130
142
XPGDWT‑U1‑0000‑00G6E
6G
3500 K
R5
139
152
XPGDWT‑U1‑0000‑00H6G
R4
130
142
XPGDWT‑U1‑0000‑00G6G
ORDER CODES SUGGESTED FOR NEW DESIGNS - WHITE (STANDARD) - T
J = 85 °C (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com