Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 48 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 48 Page - Cree LED

Back Button XP-G3 Datasheet HTML 40Page - Cree LED XP-G3 Datasheet HTML 41Page - Cree LED XP-G3 Datasheet HTML 42Page - Cree LED XP-G3 Datasheet HTML 43Page - Cree LED XP-G3 Datasheet HTML 44Page - Cree LED XP-G3 Datasheet HTML 45Page - Cree LED XP-G3 Datasheet HTML 46Page - Cree LED XP-G3 Datasheet HTML 47Page - Cree LED XP-G3 Datasheet HTML 48Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
48
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 10 -
page 11 for order codes of XLamp XP‑G3 White (S Line) LEDs that could serve as alternatives for the order codes set forth below.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Minimum
E1
6500 K
S3
156
170
XPGDWT-BS-0000-00KE1
DV
6000 K
S3
156
170
XPGDWT-BS-0000-00KDV
50
6000 K
S3
156
170
XPGDWT-BS-0000-00K50
E2
5700 K
S3
156
170
XPGDWT-BS-0000-00KE2
2E
5700 K
S3
156
170
XPGDWT-BS-0000-00K2E
3E
5000 K
S3
156
170
XPGDWT-BS-0000-00K3E
E3
5000 K
S3
156
170
XPGDWT-BS-0000-00KE3
4E
4500K
S3
156
170
XPGDWT-BS-0000-00K4E
E4
4500 K
S3
156
170
XPGDWT-BS-0000-00KE4
5E
4000 K
S3
156
170
XPGDWT-BS-0000-00K5E
E5
4000 K
S3
156
170
XPGDWT-BS-0000-00KE5
6E
3500 K
S3
156
170
XPGDWT-BS-0000-00K6E
S2
148
161
XPGDWT-BS-0000-00J6E
E6
3500 K
S3
156
170
XPGDWT-BS-0000-00KE6
S2
148
161
XPGDWT-BS-0000-00JE6
F7
3200K
S3
156
170
XPGDWT-BS-0000-00KF7
S2
148
161
XPGDWT-BS-0000-00JF7
7E
3000 K
S3
156
170
XPGDWT-BS-0000-00K7E
S2
148
161
XPGDWT-BS-0000-00J7E
E7
3000 K
S3
156
170
XPGDWT-BS-0000-00KE7
S2
148
161
XPGDWT-BS-0000-00JE7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com