Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 18 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 18 Page - Cree LED

Back Button XP-G3 Datasheet HTML 14Page - Cree LED XP-G3 Datasheet HTML 15Page - Cree LED XP-G3 Datasheet HTML 16Page - Cree LED XP-G3 Datasheet HTML 17Page - Cree LED XP-G3 Datasheet HTML 18Page - Cree LED XP-G3 Datasheet HTML 19Page - Cree LED XP-G3 Datasheet HTML 20Page - Cree LED XP-G3 Datasheet HTML 21Page - Cree LED XP-G3 Datasheet HTML 22Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
18
ELECTRICAL CHARACTERISTICS - COLOR (T
J = 25 °C)
RELATIVE LUMINOUS FLUX VS. CURRENT - WHITE (STANDARD) - T
J = 85 °C
Electrical Characteristics
royal blue data from: graphics/SA products Vf data sheet update.xlsx
S Line Photo Red from: XPGD_Red_G2 Datasheet 201217.xlsx
0
250
500
750
1000
1250
1500
1750
2000
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Forward Voltage (V)
Royal Blue
Photo Red
0
250
500
750
1000
1250
1500
1750
2000
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
Forward Voltage (V)
Royal Blue
Photo Red
(Standard)
Photo Red
(S Line)
Relative Intensity vs. Current (Tj = 25ºC)
0%
50%
100%
150%
200%
250%
300%
350%
400%
450%
500%
0
250
500
750
1000
1250
1500
1750
2000
Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com