Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 13 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 13 Page - Cree LED

Back Button XP-G3 Datasheet HTML 9Page - Cree LED XP-G3 Datasheet HTML 10Page - Cree LED XP-G3 Datasheet HTML 11Page - Cree LED XP-G3 Datasheet HTML 12Page - Cree LED XP-G3 Datasheet HTML 13Page - Cree LED XP-G3 Datasheet HTML 14Page - Cree LED XP-G3 Datasheet HTML 15Page - Cree LED XP-G3 Datasheet HTML 16Page - Cree LED XP-G3 Datasheet HTML 17Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
13
Notes
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FLUX CHARACTERISTICS - BROADCAST ORDER CODES AND BINS (T
J = 85 °C)
The following table provides order codes for XLamp XP‑G3 Broadcast LEDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 35). For definitions of the chromaticity kits, please see the Standard
Chromaticity Kits section (page 34).
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
Order Codes
Kit
CCT
Flux Bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
90 CRI Minimum
90 TLCI Minimum
95 CRI Minimum
95 TLCI Minimum
E2
5700 K
R5
139
152
XPGDWT‑U1‑B001‑A0HE2
R4
130
142
XPGDWT‑Z1‑B001‑A0GE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com