Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 9 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 9 Page - Cree LED

Back Button XP-G3 Datasheet HTML 5Page - Cree LED XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED XP-G3 Datasheet HTML 10Page - Cree LED XP-G3 Datasheet HTML 11Page - Cree LED XP-G3 Datasheet HTML 12Page - Cree LED XP-G3 Datasheet HTML 13Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
9
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
ORDER CODES SUGGESTED FOR NEW DESIGNS - WHITE (STANDARD) - T
J = 85 °C (CONTINUED)
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
F8
2850 K
S2
148
161
XPGDWT‑H1‑0000‑00JF8
R5
139
152
XPGDWT‑H1‑0000‑00HF8
R4
130
142
XPGDWT‑H1‑0000‑00GF8
R3
122
133
XPGDWT‑U1‑0000‑00FF8
R2
114
124
XPGDWT‑U1‑0000‑00EF8
8E
2700 K
S4
164
179
XPGDWT‑B1‑0000‑00L8E
S3
156
170
XPGDWT‑B1‑0000‑00K8E
S2
148
161
XPGDWT‑B1‑0000‑00J8E
XPGDWT‑H1‑0000‑00J8E
R5
139
152
XPGDWT‑H1‑0000‑00H8E
R4
130
142
XPGDWT‑H1‑0000‑00G8E
R3
122
133
XPGDWT‑U1‑0000‑00F8E
R2
114
124
XPGDWT‑U1‑0000‑00E8E
8G
2700 K
R3
122
133
XPGDWT‑U1‑0000‑00F8G
R2
114
124
XPGDWT‑U1‑0000‑00E8G
E8
2700K
S4
164
179
XPGDWT‑B1‑0000‑00LE8
S3
156
170
XPGDWT‑B1‑0000‑00KE8
S2
148
161
XPGDWT‑B1‑0000‑00JE8
XPGDWT‑H1‑0000‑00JE8
R5
139
152
XPGDWT‑H1‑0000‑00HE8
R4
130
142
XPGDWT‑H1‑0000‑00GE8
R3
122
133
XPGDWT‑U1‑0000‑00FE8
R2
114
124
XPGDWT‑U1‑0000‑00EE8
EA
2200 K
R5
139
152
XPGDWT‑B1‑0000‑00HEA
R4
130
142
XPGDWT‑B1‑0000‑00GEA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com