Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 19 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 19 Page - Cree LED

Back Button XP-G3 Datasheet HTML 15Page - Cree LED XP-G3 Datasheet HTML 16Page - Cree LED XP-G3 Datasheet HTML 17Page - Cree LED XP-G3 Datasheet HTML 18Page - Cree LED XP-G3 Datasheet HTML 19Page - Cree LED XP-G3 Datasheet HTML 20Page - Cree LED XP-G3 Datasheet HTML 21Page - Cree LED XP-G3 Datasheet HTML 22Page - Cree LED XP-G3 Datasheet HTML 23Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
19
RELATIVE LUMINOUS FLUX VS. CURRENT - WHITE (S LINE) - T
J = 85 °C
RELATIVE RADIANT FLUX VS. CURRENT - COLOR (T
J = 25 °C)
Relative Intensity vs. Current (Tj = 25ºC)
0%
50%
100%
150%
200%
250%
300%
350%
400%
450%
500%
0
250
500
750
1000
1250
1500
1750
2000
Forward Current (mA)
Relative Intensity vs. Current (Tj = 25ºC)
S Line Photo Red from: XPGD_Red_G2 Datasheet 201217.xlsx
0%
50%
100%
150%
200%
250%
300%
350%
400%
450%
500%
0
250
500
750
1000
1250
1500
1750
2000
Forward Current (mA)
Royal Blue
Photo Red
(Standard)
Photo Red
(S Line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com