Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 10 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 10 Page - Cree LED

Back Button XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED XP-G3 Datasheet HTML 10Page - Cree LED XP-G3 Datasheet HTML 11Page - Cree LED XP-G3 Datasheet HTML 12Page - Cree LED XP-G3 Datasheet HTML 13Page - Cree LED XP-G3 Datasheet HTML 14Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
10
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
ORDER CODES SUGGESTED FOR NEW DESIGNS - WHITE (S LINE) - T
J = 85 °C
The following table provides order codes for XLamp XP‑G3 White (S Line) LEDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 35). For definitions of the chromaticity kits, please see the Standard
Chromaticity Kits section (page 34).
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Minimum
E1
6500 K
S6
180
196
XPGDWT‑BS‑0000‑00NE1
S5
172
187
XPGDWT‑BS‑0000‑00ME1
S4
164
179
XPGDWT‑BS‑0000‑00LE1
DV
6000 K
S6
180
196
XPGDWT‑BS‑0000‑00NDV
S5
172
187
XPGDWT‑BS‑0000‑00MDV
S4
164
179
XPGDWT‑BS‑0000‑00LDV
50
6000 K
S6
180
196
XPGDWT‑BS‑0000‑00N50
S5
172
187
XPGDWT‑BS‑0000‑00M50
S4
164
179
XPGDWT‑BS‑0000‑00L50
E2
5700 K
S7
188
205
XPGDWT‑BS‑0000‑00PE2
S6
180
196
XPGDWT‑BS‑0000‑00NE2
S5
172
187
XPGDWT‑BS‑0000‑00ME2
S4
164
179
XPGDWT‑BS‑0000‑00LE2
2E
5700 K
S7
188
205
XPGDWT‑BS‑0000‑00P2E
S6
180
196
XPGDWT‑BS‑0000‑00N2E
S5
172
187
XPGDWT‑BS‑0000‑00M2E
S4
164
179
XPGDWT‑BS‑0000‑00L2E
3E
5000 K
S7
188
205
XPGDWT‑BS‑0000‑00P3E
S6
180
196
XPGDWT‑BS‑0000‑00N3E
S5
172
187
XPGDWT‑BS‑0000‑00M3E
S4
164
179
XPGDWT‑BS‑0000‑00L3E
E3
5000 K
S7
188
205
XPGDWT‑BS‑0000‑00PE3
S6
180
196
XPGDWT‑BS‑0000‑00NE3
S5
172
187
XPGDWT‑BS‑0000‑00ME3
S4
164
179
XPGDWT‑BS‑0000‑00LE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com