Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 4 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 4 Page - Cree LED

  XP-G3 Datasheet HTML 1Page - Cree LED XP-G3 Datasheet HTML 2Page - Cree LED XP-G3 Datasheet HTML 3Page - Cree LED XP-G3 Datasheet HTML 4Page - Cree LED XP-G3 Datasheet HTML 5Page - Cree LED XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
4
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
ORDER CODES SUGGESTED FOR NEW DESIGNS - WHITE (STANDARD) - T
J = 85 °C
The following table provides order codes for XLamp XP‑G3 White (Standard) LEDs. For a complete description of the order code
nomenclature, please see the Bin and Order Code Formats section (page 35). For definitions of the chromaticity kits, please see the
Standard Chromaticity Kits section (page 34).
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
DT
7000 K
S6
180
196
XPGDWT‑B1‑0000‑00NDT
S5
172
187
XPGDWT‑01‑0000‑00MDT
XPGDWT‑B1‑0000‑00MDT
S4
164
179
XPGDWT‑01‑0000‑00LDT
XPGDWT‑B1‑0000‑00LDT
XPGDWT‑H1‑0000‑00LDT
S3
156
170
XPGDWT‑01‑0000‑00KDT
XPGDWT‑B1‑0000‑00KDT
XPGDWT‑H1‑0000‑00KDT
S2
148
161
XPGDWT‑01‑0000‑00JDT
CB
6500 K
S4
164
179
XPGDWT‑H1‑0000‑00LCB
S3
156
170
XPGDWT‑H1‑0000‑00KCB
E0
>6500 K
S5
172
187
XPGDWT‑01‑0000‑00ME0
XPGDWT‑B1‑0000‑00ME0
S4
164
179
XPGDWT‑01‑0000‑00LE0
XPGDWT‑B1‑0000‑00LE0
S3
156
170
XPGDWT‑B1‑0000‑00KE0
XPGDWT‑H1‑0000‑00KE0
E1
6500 K
S5
172
187
XPGDWT‑01‑0000‑00ME1
XPGDWT‑B1‑0000‑00ME1
S4
164
179
XPGDWT‑01‑0000‑00LE1
XPGDWT‑B1‑0000‑00LE1
XPGDWT‑H1‑0000‑00LE1
S3
156
170
XPGDWT‑B1‑0000‑00KE1
XPGDWT‑H1‑0000‑00KE1
DV
6000 K
S6
180
196
XPGDWT‑B1‑0000‑00NDV
S5
172
187
XPGDWT‑01‑0000‑00MDV
XPGDWT‑B1‑0000‑00MDV
S4
164
179
XPGDWT‑01‑0000‑00LDV
XPGDWT‑B1‑0000‑00LDV
XPGDWT‑H1‑0000‑00LDV
S3
156
170
XPGDWT‑B1‑0000‑00KDV
XPGDWT‑H1‑0000‑00KDV
S2
148
161
XPGDWT‑U1‑0000‑00JDV
R5
139
152
XPGDWT‑U1‑0000‑00HDV
R4
130
142
XPGDWT‑U1‑0000‑00GDV
50
6000 K
S5
172
187
XPGDWT‑01‑0000‑00M50
XPGDWT‑B1‑0000‑00M50
S4
164
179
XPGDWT‑01‑0000‑00L50
XPGDWT‑B1‑0000‑00L50
XPGDWT‑H1‑0000‑00L50
S3
156
170
XPGDWT‑B1‑0000‑00K50
XPGDWT‑H1‑0000‑00K50
S2
148
161
XPGDWT‑U1‑0000‑00J50
R5
139
152
XPGDWT‑U1‑0000‑00H50
R4
130
142
XPGDWT‑U1‑0000‑00G50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com