Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 5 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 5 Page - Cree LED

  XP-G3 Datasheet HTML 1Page - Cree LED XP-G3 Datasheet HTML 2Page - Cree LED XP-G3 Datasheet HTML 3Page - Cree LED XP-G3 Datasheet HTML 4Page - Cree LED XP-G3 Datasheet HTML 5Page - Cree LED XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
5
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
E2
5700 K
S6
180
196
XPGDWT‑01‑0000‑00NE2
XPGDWT‑B1‑0000‑00NE2
S5
172
187
XPGDWT‑01‑0000‑00ME2
XPGDWT‑B1‑0000‑00ME2
S4
164
179
XPGDWT‑01‑0000‑00LE2
XPGDWT‑B1‑0000‑00LE2
XPGDWT‑H1‑0000‑00LE2
S3
156
170
XPGDWT‑B1‑0000‑00KE2
XPGDWT‑H1‑0000‑00KE2
S2
148
161
XPGDWT‑U1‑0000‑00JE2
R5
139
152
XPGDWT‑U1‑0000‑00HE2
R4
130
142
XPGDWT‑U1‑0000‑00GE2
2E
5700 K
S6
180
196
XPGDWT‑B1‑0000‑00N2E
S5
172
187
XPGDWT‑B1‑0000‑00M2E
S4
164
179
XPGDWT‑B1‑0000‑00L2E
XPGDWT‑H1‑0000‑00L2E
S3
156
170
XPGDWT‑B1‑0000‑00K2E
XPGDWT‑H1‑0000‑00K2E
S2
148
161
XPGDWT‑U1‑0000‑00J2E
R5
139
152
XPGDWT‑U1‑0000‑00H2E
R4
130
142
XPGDWT‑U1‑0000‑00G2E
3E
5000 K
S6
180
196
XPGDWT‑B1‑0000‑00N3E
S5
172
187
XPGDWT‑B1‑0000‑00M3E
S4
164
179
XPGDWT‑B1‑0000‑00L3E
XPGDWT‑H1‑0000‑00L3E
S3
156
170
XPGDWT‑B1‑0000‑00K3E
XPGDWT‑H1‑0000‑00K3E
S2
148
161
XPGDWT‑U1‑0000‑00J3E
R5
139
152
XPGDWT‑U1‑0000‑00H3E
R4
130
142
XPGDWT‑U1‑0000‑00G4E
E3
5000 K
S6
180
196
XPGDWT‑01‑0000‑00NE3
XPGDWT‑B1‑0000‑00NE3
S5
172
187
XPGDWT‑01‑0000‑00ME3
XPGDWT‑B1‑0000‑00ME3
S4
164
179
XPGDWT‑01‑0000‑00LE3
XPGDWT‑B1‑0000‑00LE3
XPGDWT‑H1‑0000‑00LE3
S3
156
170
XPGDWT‑H1‑0000‑00KE3
S2
148
161
XPGDWT‑U1‑0000‑00EJE3
R5
139
152
XPGDWT‑U1‑0000‑00HE3
R4
130
142
XPGDWT‑U1‑0000‑00GE3
ORDER CODES SUGGESTED FOR NEW DESIGNS - WHITE (STANDARD) - T
J = 85 °C (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com