Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 40 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 40 Page - Cree LED

Back Button XP-G3 Datasheet HTML 36Page - Cree LED XP-G3 Datasheet HTML 37Page - Cree LED XP-G3 Datasheet HTML 38Page - Cree LED XP-G3 Datasheet HTML 39Page - Cree LED XP-G3 Datasheet HTML 40Page - Cree LED XP-G3 Datasheet HTML 41Page - Cree LED XP-G3 Datasheet HTML 42Page - Cree LED XP-G3 Datasheet HTML 43Page - Cree LED XP-G3 Datasheet HTML 44Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
40
TAPE AND REEL
All Cree LED carrier tapes conform to EIA‑481D, Automated Component Handling Systems Standard.
All dimensions in mm.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
Trailer
160mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
Loaded Pockets
(1000 Lamps)
Leader
400mm (min.) of
empty pockets with
at least 100mm
sealed by tape
(50 empty pockets min.)
12.0
+.3
-.0
1.75
±.10
4±.1
8±.1
2.5±.1
1
/
1
3.000
B
2402-00014
XP HEW LOADING SPEC
--
--
--
--
--
--
11/29/10
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
B
ADDED CATHODE AND ANODE NOTE
REORIENTED DEVICE
DC
2/26/12
END
START
User Feed Direction
CATHODE SIDE
ANODE SIDE
User Feed Direction
7"
1.5± .1
13mm
Pocket Tape
Carrier Tape
Ø13
Ø61 ± 0.5
12.40 0
+
2.00
MEASURED AT HUB
12.40
MEASURED AT INSIDE EDGE
16.40
SHEET 1 OF 1
1:2
2400-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X ± 0.3
X° ± 2°
.XX ± .10
.X ± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X° ± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
4600 Silicon Drive
Durham, N.C 27703
NOTICE
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
CONTAINED WITHIN ARE THE PROPRIETARY AND
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
OF CREE, INC.
Reel,
7" x 12mm Wide
B
LIUDEZHI
2012/5/25
PS
Ø190
½öÓÃÓÚÆÀ¹À¡£
°æÈ¨ËùÓÐ (c) by Foxit Software Company, 2004
ÓÉ Foxit PDF Editor ±à¼-
OD
7.5''
Ø13
Ø61 ± 0.5
12.40 0
+
2.00
MEASURED AT HUB
12.40
MEASURED AT INSIDE EDGE
16.40
SHEET 1 OF 1
1:2
2400-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X ± 0.3
X° ± 2°
.XX ± .10
.X ± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X° ± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
4600 Silicon Drive
Durham, N.C 27703
NOTICE
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
CONTAINED WITHIN ARE THE PROPRIETARY AND
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
OF CREE, INC.
Reel,
7" x 12mm Wide
B
LIUDEZHI
2012/5/25
PS
Ø190
½öÓÃÓÚÆÀ¹À¡£
°æÈ¨ËùÓÐ (c) by Foxit Software Company, 2004
ÓÉ Foxit PDF Editor ±à¼-
OD
7.5''
Y
Y
X
X
REF 0.59
W
F(III)
P1
D1
1.5 MIN.
Bo
Ao
R0.2
TYPICAL
REF 4.375
Ko
Other material available.
(IV)
(III)
(II)
(I)
hole to centerline of pocket.
Measured from centerline of sprocket
holes is ± 0.20.
Cumulative tolerance of 10 sprocket
to centerline of pocket.
Measured from centerline of sprocket hole
SECTION Y-Y
SECTION X-X
2.0 ±0.05 (I)
P2
1.55
±0.05
Do
4.0 ±0.1 (II)
Po
0.30 ±0.05
T
2.40
Ko
+0.0/-0.1
3.70
1
W
F
P
+/- 0.05
+/- 0.1
+0.3/-0.1
5.50
8.00
12.00
Ao
3.70
+/- 0.1
Bo
+/- 0.1
Y
Y
X
X
REF 0.59
W
F(III)
P1
D1
1.5 MIN.
Bo
Ao
R0.2
TYPICAL
REF 4.375
Ko
Other material available.
(IV)
(III)
(II)
(I)
hole to centerline of pocket.
Measured from centerline of sprocket
holes is ± 0.20.
Cumulative tolerance of 10 sprocket
to centerline of pocket.
Measured from centerline of sprocket hole
SECTION Y-Y
SECTION X-X
2.0 ±0.05 (I)
P2
1.55
±0.05
Do
4.0 ±0.1 (II)
Po
0.30 ±0.05
T
2.40
Ko
+0.0/-0.1
3.70
1
W
F
P
+/- 0.05
+/- 0.1
+0.3/-0.1
5.50
8.00
12.00
Ao
3.70
+/- 0.1
Bo
+/- 0.1
Y
Y
X
X
REF 0.59
W
F(III)
P1
D1
1.5 MIN.
Bo
Ao
R0.2
TYPICAL
REF 4.375
Ko
Other material available.
(IV)
(III)
(II)
(I)
hole to centerline of pocket.
Measured from centerline of sprocket
holes is ± 0.20.
Cumulative tolerance of 10 sprocket
to centerline of pocket.
Measured from centerline of sprocket hole
SECTION Y-Y
SECTION X-X
2.0 ±0.05 (I)
P2
1.55
±0.05
Do
4.0 ±0.1 (II)
Po
0.30 ±0.05
T
2.40
Ko
+0.0/-0.1
3.70
1
W
F
P
+/- 0.05
+/- 0.1
+0.3/-0.1
5.50
8.00
12.00
Ao
3.70
+/- 0.1
Bo
+/- 0.1
CATHODE SIDE
ANODE SIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com