Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 12 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 12 Page - Cree LED

Back Button XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED XP-G3 Datasheet HTML 10Page - Cree LED XP-G3 Datasheet HTML 11Page - Cree LED XP-G3 Datasheet HTML 12Page - Cree LED XP-G3 Datasheet HTML 13Page - Cree LED XP-G3 Datasheet HTML 14Page - Cree LED XP-G3 Datasheet HTML 15Page - Cree LED XP-G3 Datasheet HTML 16Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
12
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 37).
•
XLamp XP‑G3 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
•
Dominant wavelengths are calculated based on peak wavelength specifications and are for reference only.
•
Calculated Photosynthetic Photon Flux (PPF) values are for reference only.
FLUX CHARACTERISTICS - COLOR (STANDARD) - T
J = 25 °C
The following table provides the order code for XLamp XP‑G3 color (Standard) LEDs. For a complete description of the order code
nomenclature, please see the Bin and Order Code Formats section (page 35).
Color
PWL
Kit
Code
Peak Wavelength Range
Typical Dominant
Wavelength (nm)
@ 350 mA, T
j=25 °C
Minimum Radiant
Flux (mW)
@ 350 mA,
Calculated
Minimum PPF
(µmol/s)
@ 350 mA, 25 °C
Order Code
Minimum
Maximum
Group
PWL
(nm)
Group
PWL
(nm)
Code
Flux
(mW)
@25 °C
Royal Blue
01
H26
440
H47
455
451
E4
635
2.41
XPGDRY‑L1‑0000‑00401
451
F2
680
2.58
XPGDRY‑L1‑0000‑00501
451
F4
730
2.77
XPGDRY-L1-0000-00601
Color
PWL
Kit
Code
Peak Wavelength Range
Typical Dominant
Wavelength (nm)
@ 350 mA, T
j=25 °C
Minimum Radiant
Flux (mW)
@ 350 mA,
Calculated
Minimum PPF
(µmol/s)
@ 350 mA, 25 °C
Order Code
Minimum
Maximum
Group
PWL
(nm)
Group
PWL
(nm)
Code
Flux
(mW)
@25 °C
Photo Red
(Standard)
01
P2
650
P5
670
645
31
475
2.58
XPGDPR-L1-0000-00E01
P2
650
P5
670
645
32
500
2.72
XPGDPR-L1-0000-00F01
FLUX CHARACTERISTICS - COLOR (S LINE) - T
J = 25 °C
The following table provides the order code for XLamp XP‑G3 color (S Line) LEDs. For a complete description of the order code
nomenclature, please see the Bin and Order Code Formats section (page 35
Color
PWL
Kit
Code
Peak Wavelength Range
Typical Dominant
Wavelength (nm)
@ 350 mA, T
j=25 °C
Minimum Radiant
Flux (mW)
@ 350 mA,
Calculated
Minimum PPF
(µmol/s)
@ 350 mA, 25 °C
Order Code
Minimum
Maximum
Group
PWL
(nm)
Group
PWL
(nm)
Code
Flux
(mW)
@25 °C
Photo Red
(S Line)
01
P2
650
P5
670
645
32
500
2.72
XPGDPR-LS-0000-00F01
P2
650
P5
670
645
33
525
2.85
XPGDPR-LS-0000-00G01
Color
Minimum Radiant
Flux (mW)@ 350 mA
Peak Wavelength (nm)
Order Codes
Minimum
Maximum
Group
Flux (mW)
Group
PWL (nm)
Group
PWL (nm)
Far Red
23
275
F2
720
F5
740
XPEBFR‑L1‑0000‑00601
24
300
F2
720
F5
740
XPEBFR‑L1‑0000‑00701
25
325
F2
720
F5
740
XPEBFR‑L1‑0000‑00801
26
350
F2
720
F5
740
XPEBFR‑L1‑0000‑00901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com