Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 1 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 1 Page - Cree LED

  XP-G3 Datasheet HTML 1Page - Cree LED XP-G3 Datasheet HTML 2Page - Cree LED XP-G3 Datasheet HTML 3Page - Cree LED XP-G3 Datasheet HTML 4Page - Cree LED XP-G3 Datasheet HTML 5Page - Cree LED XP-G3 Datasheet HTML 6Page - Cree LED XP-G3 Datasheet HTML 7Page - Cree LED XP-G3 Datasheet HTML 8Page - Cree LED XP-G3 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4400 Silicon Drive / Durham, NC 27703 USA / +1.919.313.5330 / www.cree-led.com
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed, Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
1
XLamp® XP-G3 LEDs
XP-G3 White
XP-G3 Royal Blue
XP-G3 Photo Red
LED pictures and labels underneath
are in a table
PRODUCT DESCRIPTION
XLamp® XP-G3 LEDs are optimized for directional, high-lumen
lighting applications where efficacy and optical control are critical,
such as roadway, portable and horticulture. The compact and
proven 3.45‑mm XP platform has an excellent ecosystem of optics
and system solutions available, enabling lighting manufacturers to
simplify their design process and shorten time‑to‑market.
XP‑G3 LEDs are available in Royal Blue and two different White and
Photo Red versions: Standard & S Line. The White Standard version
delivers best‑in‑class TM‑21 lifetimes and color stability over time.
The S Line versions of White and Photo Red deliver improved
efficiency, best‑in‑class sulfur resistance and better system‑level
reliability through switching and dimming cycles. With these S
Line versions, Cree LED delivers high‑power LED technology that
is optimized for both general and horticulture lighting applications
where sensors and switching are becoming common.
In this document, the terms White and Photo Red denote the white
or photo red XP-G3 LED without regard to its Standard or S Line
features. The terms Standard and S Line are used when necessary
to differentiate the performace of the Standard XP-G3 LED from
the XP‑G3 LED with the S Line option.
FEATURES
• Available in no CRI minimum white, 70-, 80- and 90-CRI white,
royal blue & photo red
• Broadcast color option at 5700 K
• ANSI‑compatible chromaticity bins
• 3‑step and 5‑step options
• White binned at 85 °C, royal blue & photo red binned at 25 °C
• Maximum drive current: white, royal blue: 2000 mA, photo red:
1500 mA
• Low thermal resistance: white: 3 °C/W, royal blue: 2 °C/W,
photo red (Standard): 2.5 °C/W, photo red (S Line): 1 °C/W
• Wide viewing angle: 125°–130°
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable ‑ JEDEC J‑STD‑020C
• Electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component (E349212)


Similar Part No. - XP-G3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
More results

Similar Description - XP-G3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com