Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 26 Page - Cree LED

Part # XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Datasheet(HTML) 26 Page - Cree LED

Back Button XP-G3 Datasheet HTML 22Page - Cree LED XP-G3 Datasheet HTML 23Page - Cree LED XP-G3 Datasheet HTML 24Page - Cree LED XP-G3 Datasheet HTML 25Page - Cree LED XP-G3 Datasheet HTML 26Page - Cree LED XP-G3 Datasheet HTML 27Page - Cree LED XP-G3 Datasheet HTML 28Page - Cree LED XP-G3 Datasheet HTML 29Page - Cree LED XP-G3 Datasheet HTML 30Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
26
PERFORMANCE GROUPS - PEAK WAVELENGTH (T
J = 25 °C)
XLamp XP‑G3 Royal Blue LEDs are tested for peak wavelength and sorted into one of the PWL bins defined below.
Group Code
Minimum Peak Wavelength
(nm)
Maximum Peak Wavelength
(nm)
Typical Dominant Wavelength
(nm)
H26
440.0
442.5
446.5
H27
442.5
445.0
449.0
H36
445.0
447.5
451.5
H37
447.5
450.0
454.0
H46
450.0
452.5
456.5
H47
452.5
455.0
459.0
XLamp XP‑G3 Photo Red LEDs are tested for peak wavelength and sorted into one of the PWL bins defined below.
Group Code
Minimum Peak Wavelength
(nm)
Maximum Peak Wavelength
(nm)
Typical Dominant Wavelength
(nm)
P2
650
655
638
P3
655
660
643
P4
660
665
647
P5
665
670
652
Note
•
Typical dominant wavelength values are calculated and for reference only.
PERFORMANCE GROUPS - FORWARD VOLTAGE
XLamp XP‑G3 Photo Red LEDs are tested for forward voltage and sorted into one of the forward voltage bins defined below.
Forward Voltage
Group
Minimum Forward Voltage (V)
@ 350 mA
Maximum Forward Voltage (V)
@ 350 mA
W
1.8
1.9
X
1.9
2.0
Y
2.0
2.1
Z
2.1
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com